Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 14 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Insertion flowmeter/batch controller with paddle wheel and flow transmitter/remote batch controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 14 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Type 8025
14 | 39
Visit product website 
Output
• Transistors (digital outputs DO1 and DO4):
– potential free
– NPN or PNP (wiring dependent)
– function: pulse output (by default for DO1), state (by default for DO4), configurable and para-
metrisable
– 0…2200 Hz,
– 5…36 V DC, 100 mA max., voltage drop at 100 mA: 2.7 V DC
– duty cycle (pulse duration/period):
– > 0.45 if 0.6 < frequency < 300 Hz
– > 0.4 if 300 < frequency < 1500 Hz
– < 0.4 if 1500 < frequency < 2200 Hz
– galvanic insulation, protected against overvoltage, polarity reversals and short-circuits
• Relays (digital outputs DO2 and DO3):
– 2 relays, normally open, parametrisable (by default: DO2 always configured to control the valve,
parametrised of 100 % of the batch quantity and DO3 configured as alarm)
– non UL recognized device: 230 V AC/3 A or 40 V DC/3 A (resistive load)
– UL recognized device: 30 V AC/42 V
peak/3 A or 60 V DC/1 A
– max. cutting power of 750 VA (resistive load)
Voltage supply cable
• Wall-mounted variant:
– external diameter (cable): 5…8 mm (for the cable glands)
2.
Product versions
2.1. Flowmeter
The compact variant is available in two variants:
• Insertion flowmeter with standard output signal (4…20 mA, frequency)
• Insertion flowmeter as battery powered indicator/totalizer
Flowmeter with standard output signal
The device operates on a 2- or 3-wire system and needs a 12…36 V DC or a 115/230 V AC power supply.
The device is equipped with:
• an analogue output (4…20 mA current output)
• a digital output (pulse output) and
• two totalizers.
Some variants are also fitted with two fully configurable relay outputs.
The device allows:
• through the digital or relay outputs
– to switch a solenoid valve
– to activate an alarm
– to generate a flow rate proportional frequency
• through the analogue output to establish a control loop.
Flowmeter as battery powered indicator/totalizer
The device has no output and displays the instantaneous value as well as the amount of liquid that has flowed trough.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com