Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 37 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Insertion flowmeter/batch controller with paddle wheel and flow transmitter/remote batch controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 37 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 31Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 32Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 33Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 34Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 35Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 36Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 37Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 38Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 39Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
Type 8025
37 | 39
Visit product website 
11.4. Ordering chart
Flowmeter
Note:
• The following is supplied with every device: FKM seal as standard (already mounted), 1 set with a black EPDM seal for the sensor, a
stopper for unused M20 × 1.5 cable gland, a 2 × 6 mm multi-way seal for cable gland and a mounting instruction sheet.
• The following variants have at least 2 volume totalizers.
Operating
voltage
Sensor
variant
Output
UL approval
Electrical connection
Article no.
Flowmeter with standard output signal
12…36 V DC
Hall, short
4…20 mA (2-wire) + pulse
–
Female cable plug
DIN EN 175301-803
418762 
UL Recognized
570457 
–
2 cable glands
418802 
UL Recognized
570465 
Hall, long
–
Female cable plug
DIN EN 175301-803
418763 
UL Recognized
570458 
–
2 cable glands
418803 
UL Recognized
570466 
Hall, short
4…20 mA (3-wire) + pulse + 2 relays
–
418778 
UL Recognized
570461 
Hall, long
–
418779 
UL Recognized
570462 
115/230 V AC
Hall, short
4…20 mA (2-wire) + pulse
–
418423 
Hall, long
418424 
Hall, short
4…20 mA (3-wire) + pulse + 2 relays
418431 
Hall, long
418432 
Flowmeter as battery powered indicator/totalizer
4 x 1.5 V DC
AA Batteries
Coil, short
None
–
None
418403 
Coil, long
418405 
Further variants on request
Approval
FDA, UL Recognized for USA and Canada (UL 61010-1 + CAN/CSA-C22.2 No. 61010-1)
Compact batch controller
Note:
• The following is supplied with every device: FKM seal as standard (already mounted), 1 set with a black EPDM seal for the sensor, a
stopper for unused M20 × 1.5 cable gland, a 2 × 6 mm multi-way seal for cable gland and a mounting instruction sheet.
• The following variants have at least 2 volume or mass totalizers and 2 totalizers of the number of dosing performed.
Operating
voltage
Sensor
variant
Input
Output
UL approval
Electrical connection
Article no.
12…36 V DC
Hall, short
4 digital inputs
(DI1…DI4)
2 transistor outputs (DO1
and DO4) + 2 relay outputs
(DO2 and DO3)
–
2 cable glands
419520 
UL Recognized
564414 
Hall, long
–
419522 
UL Recognized
570469 
115/230 V AC
Hall, short
–
419521 
Hall, long
419529 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com