Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 15 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Insertion flowmeter/batch controller with paddle wheel and flow transmitter/remote batch controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 15 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
Type 8025
15 | 39
Visit product website 
2.2. Compact batch controller
The device needs a voltage supply of 12…36 V DC or 115/230 V AC.
The device is equipped with:
• four digital inputs (DI1 to DI4),
• two transistor outputs (DO1 configured as a pulse output and DO4 configured as state output, by default),
• two relay outputs (DO2 always configured to control the valve and by default parametrise of 100 % of the batch
quantity and DO3 configured as alarm output by default),
• two volume or mass totalizers and two totalizers for the number of batches performed.
The second relay output can be used to activate another valve, to initiate alarms or to generate warnings.
When mounted in a pipe in series with one or two valves, the batch controller makes it possible to carry out a dosing of
one or several quantities of liquids. The unit controls the opening of the valves and measures the quantity of the fluid
which flows. The unit also closes the valves when the pre-set quantity has been delivered.
2.3. Universal flow transmitter
The transmitter is available in wall-mounted and panel variants.
The transmitter can be associated with Bürkert flowmeter (e.g. Type 8020, 8030, SE30+S077). See chapter “10.3.
Combination of the remote device” on page 34 for more information. Another flow sensor emitting a frequency
signal (pulse signal) can also be connected.
The transmitter operates on a 3 wire system and needs a 12…36 V DC or a 115/230 V AC power supply.
The transmitter is equipped with:
• an analogue output (4…20 mA current output, called AO1)
• a digital output (configured as a pulse output by default, called DO1)
• two totalizers.
Some variants are also fitted with two fully configurable relay outputs (called DO2 and DO3).
When connected to a flowmeter, the transmitter allows:
• through the digital or relay outputs
– to switch a solenoid valve
– to activate an alarm
– to generate a flow rate proportional frequency
• through the analogue output to establish a control loop.
2.4. Flow transmitter for “Low Power” flowmeters
The transmitter is available in wall-mounted and panel variants.
The transmitter variant can only be associated with Bürkert flowmeter (e.g. Type 8020, 8030, SE30+S077) with sinus or
pulse output signal in a “Low Power” variant. See chapter “10.3. Combination of the remote device” on page 34
for more information.
The transmitter operates on a 2- or 3-wire system and needs a 12…36 V DC or a 115/230 V AC power supply.
The device is equipped with:
• an analogue output (4…20 mA current output)
• a digital output (pulse output)
• two totalizers.
Some variants are also fitted with two fully configurable relay outputs.
When connected to a flowmeter, the transmitter allows:
• through the digital or relay outputs
– to switch a solenoid valve
– to activate an alarm
– to generate a flow rate proportional frequency
• through the analogue output to establish a control loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com