Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 16 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Insertion flowmeter/batch controller with paddle wheel and flow transmitter/remote batch controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 16 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Type 8025
16 | 39
Visit product website 
2.5. Remote batch controller
The device is available in wall-mounted and panel variants.
The device can be associated with Bürkert flowmeters (e.g. Type 8020, 8030, SE30+S077). See chapter “10.3. Combi-
nation of the remote device” on page 34 for more information. Another flow sensor emitting a frequency signal
(pulse signal) can also be connected.
The device needs a voltage supply of 12…36 V DC or 115/230 V AC.
The device is equipped with:
• four digital inputs (DI1 to DI4),
• two transistor outputs (DO1 configured as a pulse output and DO4 configured as state output, by default),
• two relay outputs (DO2 always configured to control the valve and by default parametrise of 100 % of the batch
quantity and DO3 configured as alarm output by default),
• two volume or mass totalizers and two totalizers for the number of batches performed.
The second relay output can be used to activate another valve, to initiate alarms or to generate warnings.
When the batch controller is connected to a flowmeter in series with one or two valves, dosing of one or several
quantities of liquids can be carried out. The device controls the opening of the valves and measures the quantity of the
fluid which flows. The device also closes the valves when the pre-set quantity has been delivered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com