Electronic Components Datasheet Search
  English  ▼

X  

8640 Datasheet(PDF) 29 Page - Christian Bürkert GmbH & Co. KG

Part # 8640
Description  Modular valve island for pneumatics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8640 Datasheet(HTML) 29 Page - Christian Bürkert GmbH & Co. KG

Back Button 8640 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 27Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 28Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 29Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 30Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 31Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 32Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Type 8640
29 | 32
Visit product website 
Spare parts SVVI for Type 8640, REV1, REV2 – Pneumatics 16 mm width per station
Pos.
Description
Content
Article no.
1
Spare valves see “9.3. Ordering chart replacement valves” on page 23
–
–
2
Cover plate see “9.4. Ordering chart accessories” on page 27
–
–
3
Set of valve seals
–
–
Spare valve seals FM17 for Type 6526 and Type 6527
12
20016307 
Spare valve seals FM19 for Type 0461
12
20024337 
4
Sets of module seals
–
–
Spare module seals for Type MP12
4
20036699 
5
Supply units
o. r.
o. r.
6
Base modules
o. r.
o. r.
7
Electronic modules
o. r.
o. r.
o. r. = on request
7
7
7
7
5
6
6
6
5
4
4
4
4
3
3
3
1
1
2
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com