Electronic Components Datasheet Search
  English  ▼

X  

8640 Datasheet(PDF) 15 Page - Christian Bürkert GmbH & Co. KG

Part # 8640
Description  Modular valve island for pneumatics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8640 Datasheet(HTML) 15 Page - Christian Bürkert GmbH & Co. KG

Back Button 8640 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Type 8640
15 | 32
Visit product website 
6.
Dimensions
6.1. Pneumatics 11 mm width per station
Note:
Dimensions in mm, unless otherwise stated
25.8
32.8
44
44
88
44
32.8
6.8
107.55
94.95
Standard rail
EN 50022-
35x7.5
or
35x15
65.6+(n x 11)
10.6
11.8
20.3
12.3
20.8
22
G1/4
G1/4
M5
Plug-in coupling
Ø6 or Ø1/4"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com