Electronic Components Datasheet Search
  English  ▼

X  

8640 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8640
Description  Modular valve island for pneumatics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8640 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8640 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Type 8640
4 | 32
Visit product website 
1.
General technical data
1.1. General data
Note:
Further information can be found in chapter:
• Type 6524, 6525 “1.2. Solenoid valves Type 6524 and Type 6525” on page 6
• Type 0460 “1.3. Solenoid valves Type 0460” on page 7
• Type 6526, 6527 “1.4. Solenoid valves Type 6526 and Type 6527” on page 8
• Type 5470 “1.5. Solenoid valve Type 5470” on page 9
Product properties
Type 0460, Type 6524, Type 6525 Type 6526, Type 6527
Type 5470
Dimensions
Further information can be found in chapter “6. Dimensions” on page 15.
Material
Body
PA (polyamide), aluminium
(Type 0460)
PA (polyamide), aluminium
PA (polyamide)
Seal
FKM, NBR and PUR
NBR
NBR
Maximum installation width
of a valve island
Further information can be found in chapter “6. Dimensions” on page 15.
Width per station
11 mm
16.5 mm
19 mm
Manual override
Standard
Standard
Standard
Number of valve positions
For single valves: 24
For impulse and double valves:
max. 12
Max. 24
Max. 24
Maximum number of valve
functions
Max. 24
Max. 24
Max. 24
Switching function/
Operating principle 1.)
Further information can be found in chapter “3. Circuit functions” on page 13.
Pneumatic intermediate
supply
Possible via centre feed plate on a
valve position
Possible via centre feed plate on a
valve position
Possible via centre feed plate on a
valve position
Performance data
Pressure data
Overpressure to atmospheric
pressure
Overpressure to atmospheric
pressure
Overpressure to atmospheric
pressure
Pressure range
Vac.…to 10 bar
Vac.…to 10 bar
2…10 bar
External supply air (auxiliary
pilot air)
2.5 bar (0460: not possible)
> 2 bar
Not possible
Flow rate Q
Nn value air
300 l/min measured at + 20 °C,
6 bar pressure at valve inlet and
1 bar differential pressure
500…700 l/min measured at
+ 20 °C, 6 bar pressure at valve
inlet and 1 bar differential pressure
300 l/min measured at + 20 °C,
6 bar pressure at valve inlet and
1 bar differential pressure
Flow rate Q
Nn value air with
integrated P shut-off
Flow reduced by
approximately 25 %
N/A
N/A
Nominal operating mode
Continuous operation, 100 % duty
cycle
Continuous operation, 100 % duty
cycle
Continuous operation, 100 % duty
cycle
Switching time
Measured according to
ISO 12238
Measured according to
ISO 12238
Measured according to
ISO 12238
Electrical data
Operating voltage
24 V DC
24 V DC
24 V DC
Voltage tolerance
± 10 %
± 10 %
± 10 %
Residual ripple (at DC)
1 Vss
1 Vss
1 Vss
Nominal power of each
valve
For single valves: 0.8 W
For impulse and double valves: 2x
0.8 W with power reduction
2 W, 1 W
1 W, 2 W, 3 W
Nominal current of each
valve
See total current
See total current
See total current
Position feedback
Max. 32
Max. 32
Max. 32
Protection class
III according to VDE 0580
III according to VDE 0580
III according to VDE 0580
Total current
Depending on the electrical connection technology
With common collective
connection
Max. 3 A (total current of the individual valves)
With multipole connection
Max. 3 A (total current of the individual valves) + max. 3 A (repeater)
With fieldbus connection
I
TOTAL = IBASE + (n x IVALVE) + (m x IREPEATER)
n=quantity of valves, m=quantity of repeaters, I
VALVE= rated current of each valve
I
REPEATER= rated current of each repeater, m x IREPEATER=max. 650 mAIBASE= 200 mA specific base current
Profibus-DP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com