Electronic Components Datasheet Search
  English  ▼

X  

8640 Datasheet(PDF) 26 Page - Christian Bürkert GmbH & Co. KG

Part # 8640
Description  Modular valve island for pneumatics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8640 Datasheet(HTML) 26 Page - Christian Bürkert GmbH & Co. KG

Back Button 8640 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 27Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 28Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 29Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 30Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Type 8640
26 | 32
Visit product website 
Solenoid valves Type 5470
Note:
Further information about this product version can be found in chapter “1.5. Solenoid valve Type 5470” on page 9.
Circuit function
Orifice Q
Nn-
value 1.) air
Service ports
4 and 2
Pressure
range 2.)
Nominal
power
Voltage/
Frequency
Article no.
Valve islands
Article no.
Valve blocks
[mm]
[l/min]
[bar]
[W]
[V/Hz]
C (CF C)
3/2-way solenoid valve
Servo-controlled, with
manual override
Normally closed
2(A)
1(P)
3(R)
12
4
300
Plug-in
coupling
Ø 6 mm,
below
2…8
1
24 V DC
132479 
135203 
2…10
2
24 V DC
133148 
135204 
2…10
3
110…120 DC
–
132952 
2…10
3
220…240 DC
–
132953 
D (CF D)
3/2-way solenoid valve
Servo-controlled, with
manual override
Normally open
2(B)
1(P)
3(R)
10
4
300
Plug-in
coupling
Ø 6 mm,
below
2…8
1
24 V DC
132481 
136742 
2…10
2
24 V DC
136741 
136743 
2…10
3
110…120 DC
–
136744 
2…10
3
220…240 DC
–
136745 
G (CF G)
4/2-way solenoid valve
Servo-controlled
14
12
2(B)
4(A)
1(P)
3(R)
4
300
Plug-in
coupling
Ø 6 mm, front
2…8
1
24 V DC
132487 
135205 
2…10
2
24 V DC
133149 
135206 
2…10
3
110…120 DC
–
132954 
2…10
3
220…240 DC
–
132955 
4
300
Plug-in
coupling
Ø 6 mm,
below
2…8
1
24 V DC
132489 
135207 
2…10
2
24 V DC
133150 
135208 
2…10
3
110…120 DC
–
132956 
2…10
3
220…240 DC
–
132957 
4
300
Plug-in
coupling
Ø 6 mm, front
with throttle-
check valve
2…8
1
24 V DC
132488 
135209 
2…10
2
24 V DC
133151 
135210 
2…10
3
110…120 DC
–
133152 
2…10
3
220…240 DC
–
133153 
4
300
Threaded port
G ⅛, front
2…8
1
24 V DC
132483 
135211 
2…10
2
24 V DC
133157 
135212 
2…10
3
110…120 DC
–
132958 
2…10
3
220…240 DC
–
132959 
4
300
Threaded port
G ⅛, front,
with throttle-
check valve
2…8
1
24 V DC
132484 
135213 
2…10
2
24 V DC
133159 
135214 
2…10
3
110…120 DC
–
133160 
2…10
3
220…240 DC
–
133161 
4
300
Tube connec-
tion
SL6/4
mm, front
2…8
1
24 V DC
133162 
135215 
2…10
2
24 V DC
133163 
135216 
2…10
3
110…120 DC
–
133164 
2…10
3
220…240 DC
–
133166 
1.) Measurement at + 20 °C, 6 bar pressure at valve inlet and 1 bar differential pressure
2.) Pressure information: overpressure to atmospheric pressure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com