Electronic Components Datasheet Search
  English  ▼

X  

8640 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 8640
Description  Modular valve island for pneumatics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8640 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 8640 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Type 8640
11 | 32
Visit product website 
2.
Product versions
2.1. Notes on compatibility and revision levels
The single valves Type 6524 and Type 6525, the pneumatic basic and connection modules and as well as the control cabinet base
adaptation AirLINE Quick have been optimised.
2.2. Distinguishing features
Valve island
Revision island
Type 8640 REV1 & 2 1.)
Type 8640 REV3 1.)
Visual distinction 11 mm
Visual distinction 16 mm
Marking on type plate
Valve island type
W1YMU
8640
XXXXXXXX
S/N 9999
Serial number
Article number
Construction date
Valve island type
W1YMU
8640
REV3
XXXXXXXX
S/N 9999
Serial number
Revision marking
Article number
Construction date
1.) If you have any questions regarding the differences in revisions, please contact your Bürkert sales department.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com