Electronic Components Datasheet Search
  English  ▼

X  

8640 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 8640
Description  Modular valve island for pneumatics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8640 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  8640 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Type 8640
5 | 32
Visit product website 
Medium data
Operating medium
Oil-free or lubricated compressed
dry air, neutral gases (5 μm filter
recommended)
Oil-free or lubricated compressed
dry air, neutral gases (5 μm filter
recommended)
Oil-free or lubricated compressed
dry air, neutral gases (5 μm filter
recommended)
Compressed air quality
ISO 8573 - 1: 2010, Class 7.4.4
ISO 8573 - 1: 2010, Class 7.4.4
ISO 8573 - 1: 2010, Class 7.4.4
Approvals and conformities
Degree of protection
IP20
IP65 in closed control cabinets
IP20
IP65 in closed control cabinets
IP20
IP65 in closed control cabinets
Explosion protection
Further information can be found in chapter “4.4. Explosion protection” on page 14
North America (USA/
Canada)
Further information can be found in chapter “4.5. North America (USA/Canada)” on page 14
Process/Port connection & communication
Working port
D 6, D ¼
D 8
D6, SL 6/4, G ⅛
Air supply connection
G ¼, D ⅜
G ⅜
G ¼, G ⅛, NPT ¼, D10, D8
Communication module
ME01
ME01
ME01
Communication interface
Collective connection
(parallel connections) / Multipole
(D-Sub, 25-pin) / PROFIBUS-DP /
PROFINET
IO / EtherNet/IP / Modbus TCP
Collective connection
(parallel connections) / Multipole
(D-Sub, 25-pin) / PROFIBUS-DP /
PROFINET
IO / EtherNet/IP / Modbus TCP
Collective connection
(parallel connections) / Multipole
(D-Sub, 25-pin) / PROFIBUS-DP /
PROFINET
IO / EtherNet/IP / Modbus TCP
Environment and installation
Installation position
As required, preferably with
actuator upright
As required, preferably with
actuator upright
As required, preferably with
actuator upright
Storage temperature
- 20…+ 60 °C
- 20…+ 60 °C
- 20…+ 60 °C
Ambient temperature
0…+ 55 °C
(with Type 0460: 0…+ 50 °C)
0…+ 55 °C
(with Type 0461: 0…+ 50 °C)
10…+ 55 °C
1.) The maximum flow rate depends on the valve function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com