Electronic Components Datasheet Search
  English  ▼

X  

8640 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 8640
Description  Modular valve island for pneumatics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8640 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 8640 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Type 8640
12 | 32
Visit product website 
Module
Revision island
Type 8640 REV1 & 2 1.)
Type 8640 REV3 1.)
Channel arrangement of the working
connections
Parallel
Wavy
Colour of the release rings (hose connector) Black
Blue
Flow reduction with integrated P shut-off
Up to 50 %
Up to 20 %
1.) If you have any questions regarding the differences in revisions, please contact your Bürkert sales department.
Valves
Valves Type 6524, Type 6525
Valve REV1
Valve REV2
Visual distinction
REV1
Single valves
Type 6524 and
Type 6525 with
flange interface
FM14
Different size
of the channels
REV2
Single valves
Type 6524 and
Type 6525 with
flange interface
FM20
Article no.
Distinction by Article no., see “9.3. Ordering chart replacement valves” on page 23
Information label
There is a information label on the valve which indicates that the valve has been overhauled.
This information label must be removed before assembly.
Further information can be found in the operating instructions Type 8640 .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com