Electronic Components Datasheet Search
  English  ▼

X  

8640 Datasheet(PDF) 27 Page - Christian Bürkert GmbH & Co. KG

Part # 8640
Description  Modular valve island for pneumatics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8640 Datasheet(HTML) 27 Page - Christian Bürkert GmbH & Co. KG

Back Button 8640 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 27Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 28Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 29Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 30Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 31Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Type 8640
27 | 32
Visit product website 
9.4. Ordering chart accessories
Cover plate
Note:
If not all the valve connections in a basic valve unit module are used, then these connections should be covered by the appropriate cover
plate to ensure full efficiency.
Cover plate
Article no.
Cover plate for solenoid valves Type 6524/6525 (REV1)
650373 
Cover plate for solenoid valves Type 6524/6525 (REV2)
661092 
Cover plate for solenoid valves Type 6524 2x 3/2-way valve
661092 
Cover plate for solenoid valves Type 0460
655069 
Cover plate for solenoid valves Type 6526/6527
653765 
Cover plate for solenoid valves Type 0461
657490 
Blind plates AirLINE Quick
Note:
A blind plate is used to cover an existing flange for AirLINE Quick on the cabinet wall or on the cabinet floor.
Description
Article no.
Blind plate AirLINE Quick, 4-fold
20057391 
Blind plate AirLINE Quick, 8-fold
20057390 
Blind plate AirLINE Quick, 12-fold
20057388 
Blind plate AirLINE Quick, 16-fold
20057387 
Blind plate AirLINE Quick (valve terminal with intermediate supply), 16-fold
20056955 
Blind plate AirLINE Quick, 24-fold
20057392 
Blind plate AirLINE Quick (valve terminal with intermediate supply), 24-fold
20057394 
Bus Y-piece
Note:
For the bus Y-piece for PROFIBUS, a pre-assembled and a free-assembled connector must be used.
Cover plates
Description
Article no.
PROFIBUS Y-piece, M12, 5-pin, 21 mm
920625 
RIO cable for bus extension
Cable
Article no.
1 m cable
917498 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com