Electronic Components Datasheet Search
  English  ▼

X  

8640 Datasheet(PDF) 25 Page - Christian Bürkert GmbH & Co. KG

Part # 8640
Description  Modular valve island for pneumatics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8640 Datasheet(HTML) 25 Page - Christian Bürkert GmbH & Co. KG

Back Button 8640 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 27Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 28Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 29Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Type 8640
25 | 32
Visit product website 
Solenoid valves Type 6526 and Type 6527
Note:
Further information about this product version can be found in chapter “1.4. Solenoid valves Type 6526 and Type 6527” on page 8.
Circuit function
Orifice
Q
Nn-
value 1.) air
Pressure
range 2.)
Switching times
Nominal
power
Voltage/
Frequency
Article no.
Valve for 8640
REV1, 2 & 3
Opening
Closing
[mm]
[l/min]
[bar]
[ms]
[ms]
[W]
[V/Hz]
C (CF C)
3/2-way solenoid valve
Servo-controlled,
with manual override
Normally closed
2(A)
1(P)
3(R)
12
6
700
1.0…10 1.)
20
12
2
24 V DC
156842 
1.0…10 1.)
20
12
2
24 V DC
163028 
2.0…10
20
12
2
24 V DC
156318 
2.0…10
20
12
2
24 V DC
158944 
2.0…8.0
20
17
1
24 V DC
156840 
2.0…8.0
20
12
1
24 V DC
158947 
D (CF D)
3/2-way solenoid valve
Servo-controlled,
with manual override
Normally open
2(B)
1(P)
3(R)
10
6
700
1.0…10 1.)
20
12
2
24 V DC
163029 
2.0…10
12
20
2
24 V DC
156320 
2.0…10
20
12
2
24 V DC
158946 
2.0…8.0
17
20
1
24 V DC
156841 
H (CF H)
5/2-way solenoid valve
Servo-controlled, with
manual override
Pressure applied via port
(1), therefore one of the
two ports (2) or (4) is under
pressure.
14
12
4
2
5 1 3
6
700
1.0…10 1.)
20
12
2
24 V DC
156828 
1.0…10 1.)
20
12
2
24 V DC
163030 
2.0…10
20
12
2
24 V DC
156337 
2.0…10
20
12
2
24 V DC
158942 
2.0…8.0
20
17
1
24 V DC
156827 
2.0…8.0
20
12
1
24 V DC
158943 
1.) Measurement at + 20 °C, 6 bar pressure at valve inlet and 1 bar differential pressure
2.) Pressure information: overpressure to atmospheric pressure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com