Electronic Components Datasheet Search
  English  ▼

X  

8640 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 8640
Description  Modular valve island for pneumatics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8640 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 8640 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Type 8640
10 | 32
Visit product website 
1.6. AirLINE Quick
Note:
The valves of Type 0460 valves cannot be installed with AirLINE Quick due to their size.
AirLINE Quick considerably reduces the use of components in the control cabinet. With the AirLINE Quick Adapter, the valve terminal is
adapted directly to the control cabinet floor or control cabinet wall.
Advantages:
• Reduced space requirement in the control cabinet
• This makes it possible to use more compact control cabinets
• Reduced installation effort due to hose connections directly at the bottom of the control cabinet
Product properties
Material
AirLINE Quick Adapter
Stainless steel 1.4301
Anodised aluminium
Pneumatic connection
Stainless steel 1.4301
Nickel-plated brass
Valve positions
4, 8, 12, 16, 24
Valve functions
Up to 48
Process/Port connection & communication
Connection
Pneumatic feeding
G ¼, D ⅜"
Pneumatic service ports
Plug-in coupling Ø 6 mm, Ø ¼"
Environment and installation
Installation position
Control cabinet wall
Control cabinet floor
Valve with 11 mm width/station
AirLINE Quick Adapter in stainless steel 1.4301 oder anodised aluminium
Pneumatic connections:
– Stainless steel 1.4301
– Nickel-plated brass
Pneumatic connections:
– Plug-in coupling Ø 6 mm
– Plug-in coupling Ø ¼"
Pneumatic connections
Supply/Disposal:
– G ¼



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com