Electronic Components Datasheet Search
  English  ▼

X  

8640 Datasheet(PDF) 23 Page - Christian Bürkert GmbH & Co. KG

Part # 8640
Description  Modular valve island for pneumatics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8640 Datasheet(HTML) 23 Page - Christian Bürkert GmbH & Co. KG

Back Button 8640 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 27Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Type 8640
23 | 32
Visit product website 
9.3. Ordering chart replacement valves
Solenoid valves Type 6524 and Type 6525
Note:
Further information about this product version can be found in chapter “1.2. Solenoid valves Type 6524 and Type 6525” on page 6.
Circuit function
Orifice Q
Nn value
air 1.)
Pressure
range
Switching times
Voltage/
Frequency
Article no.
Opening
Closing
Valves for 8640
REV1 3.)
Valves for 8640
REV2 3.)
[mm]
[l/min]
[bar]
[ms]
[ms]
[V/Hz]
C (CF C)
3/2-way solenoid valve
Servo-controlled, with manual override
Normally closed
2(A)
1(P)
3(R)
12
4.0
300
Vac.…7
15
20
24 V DC
20029915 
(186258 ) 4.)
20029923 
(20013119 ) 4.)
1…10 2.)
15
20
24 V DC
20029913 
(186257 ) 4.)
20029921 
(20013114 ) 4.)
2.5…10
15
28
24 V DC
20029910 
(184043 ) 4.)
20029918 
(365606 ) 4.)
D (CF D)
3/2-way solenoid valve
Servo-controlled, with manual override
Normally open
2(B)
1(P)
3(R)
10
4.0
300
2.5…10
15
28
24 V DC
20029911 
(184400 ) 4.)
20029919 
(365609 ) 4.)
H (CF H)
5/2-way solenoid valve
Servo-controlled, with manual override
Pressure applied via port (1), therefore one of
the two ports (2) or (4) is under pressure.
14
12
4
2
5 1 3
4.0
300
1…10 2.)
15
20
24 V DC
20029914 
(186271 ) 4.)
20029922 
(20013117 ) 4.)
2.5…10
20
28
24 V DC
20029912 
(179938 ) 4.)
20029920 
(365610 ) 4.)
C (CF C)
2 x 3/2-way solenoid valve
Servo-controlled, with manual override
Normally closed
4
1
5
14
2
1
3
12
4.0
300
1…10 2.)
12
20
24 V DC
186259 
2.5…10
12
20
24 V DC
186260 
1.) With integrated hot swap and/or non-return function, see chapter “2.2. Distinguishing features” on page 11
2.) Version with auxiliary pilot air
3.) If you have any questions about the compatibility of the valve revision, please contact your Bürkert sales office.
4.) The Article no. can no longer be ordered. Order the superordinate set instead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com