Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 29 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic positioner SideControl BASIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 29 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 27Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 28Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 29Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
Type 8791
29 | 29
Visit product website 
Further versions on request
Approval
Remote sensor ATEX Cat. 3
7.4. Ordering chart accessories
Standard accessories
Note:
The associated communication software can be downloaded under Type 8791 .
Description
Article no.
M12 circular socket with cable, 8-pin, cable length: 5 m, for input and output signals
919267 
M8 plug, 4-pin for digital outputs, with solder joints
917131 
USB büS interface set 2 (Type 8923) for connection to the Bürkert Communicator software: including büS stick,
connection cable to M12 plug, M12 connection cable on micro USB for the büS service interface and Y distributor, cable
length: 0.7 m
772551 
büS cable extension, M12, cable length: 1 m
772404 
büS cable extension, M12, cable length: 3 m
772405 
büS cable extension, M12, cable length: 5 m
772406 
büS cable extension, M12, cable length: 10 m
772407 
Silencer G ¼
780780 
USB interface for serial communication
227093 
Software Bürkert Communicator
Type 8920 
AS-Interface flat cable clamp, M12 outlet, stainless steel outlet
799646 
Accessories SideControl NAMUR
Note:
Further information can be found in chapter “6. Product installation” on page 23.
Description
Article no.
VDI/VDE 3845 stainless steel universal assembly bridge (IEC60534 - 6 - 2)
770294 
Attachment kit for stainless steel rotary actuators according to VDI/VDE 3845 (IEC 60534 - 6 - 2)
787338 
Attachment kit for linear actuators according to IEC 60534 - 6 - 1
787215 
Position feedback with proximity switches (optional upgrade feature) 1.)
677218 
1.) External end position feedback for upgrading SideControl NAMUR
Accessories SideControl Remote
Description
Article no.
Mounting bracket for stainless steel wall mount (spare part), see “6. Product installation” on page 23
675715 
Standard rail assembly kit aluminium/stainless steel, see “6. Product installation” on page 23
675702 
Attachment kit for Type 21xx/23xx actuator series, actuator size Ø 70/90/130 mm
679917 
Attachment kit for Type 21xx/23xx actuator series, actuator size Ø 225 mm
60025906 
Adapter kit remote sensor, control valves Type 27xx, actuator size Ø 175/225 mm
679945 
Sensor puck (replacement part)
682240 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com