Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic positioner SideControl BASIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  2103 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Type 8791
4 | 29
Visit product website 
1.
General technical data
1.1. Positioner SideControl Type 8791
Product properties
Dimensions
Further information can be found in chapter “3. Dimensions” on page 11.
Material
Housing
Aluminium, plastic-coated
Seal
EPDM, NBR, FKM
Operation
Operating keys
2 keys
DIP switch
Integrated
Service interface
Connected to PC via USB connection
Configuration tool
Bürkert Communicator
PACTware (only for device versions with AS-Interface)
Commissioning
Initialisation positioner
Automatic by X.TUNE function (automatic adjustment of positioner)
Status display
Optical position indicator (mechanical)
Integrated (for NAMUR version)
Communication
Fieldbus
AS-Interface
Digital
IO-Link, Bürkert system bus (büS) (based on CANopen)
Performance data
Position sensor
Integrated position sensor (NAMUR)
Conductive plastic rotary potentiometer
External remote position sensor
Linear or rotative
Measuring range for rotary actuator
Rotation angle 30°…180°
Stroke range for linear actuator
3…130 mm, depending on the lever of the attachment kit
Electrical data
Operating voltage
24 V DC ± 25 %
Residual ripple
Max. 10 %
Power consumption
≤ 3.5 W
Protection class
III according to DIN EN 61140
Electrical connection
Multipole version
Screw terminals: M12, 4-pin resp. 8-pin according to device version
(see connection description “4. Device/Process connections” on page 15)
Cable gland version
2x M20 × 1.5 (cable Ø6…12 mm) on screw terminals (0.14…1.5 mm²)
Remote version
1x M12 × 1.5 (cable Ø 3…6.5 mm)
Pneumatic data
Control medium
Neutral gases, air, quality class according to ISO 8573 - 1
Dust content
Class 7 (< 40 µm particle size)
Particle density
Class 5 (< 10 mg/m3)
Pressure dew point
Class 3 (<- 20 °C)
Oil content
Class X (< 25 mg/m3)
Air intake filter
Exchangeable
Mesh size
~0.1 mm
Supply pressure
1.4…7 bar 1.)2.)
Pilot air port
Threaded port G ¼
Positioning system
Universal air capacity
Single and double acting
50 l
N/min (at 1.4 bar
2.)
) for aeration and ventilation
150 l
N/min (at 6 bar
2.)
) for aeration and ventilation
Q
Nn= 100 lN/min
Low air capacity
Single-acting
Q
Nn= 7 lN/min (QNn according to definition at pressure drop from 7 to 6 bar absolute)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com