Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic positioner SideControl BASIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  2103 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Type 8791
5 | 29
Visit product website 
Approvals and conformities
Explosion protection
Ignition protection class
II 3D Ex tc IIIC T135 °C Dc
II 3G Ex ec IIC T4 Gc
ATEX
BVS 16 ATEX E 118 X
II 3G Ex ec ic IIC T4 Gc
II 3D Ex tc IIIC T135 °C Dc
IECEx
IECEx BVS 16.0091 X
Ex ec ic IIC T4 Gc
Ex tc IIIC T135 °C Dc
Further information can be found in chapter “2.4. Explosion protection” on page 9.
North America (USA/Canada)
CSA for Canada and the USA
UL 429 (Electrically operated valves)
CSA C22.2 No. 139 (Electrically operated valves)
Further information can be found in chapter “2.5. North America (USA/Canada)” on page 9.
Others
China Compulsory Certification (CCC)
The products with Ex approval are suitable for import and use for hazardous applications in
China. Further information can be found in chapter “2.6. Others” on page 10.
Further information can be found in chapter “2. Approvals and conformities” on page 9.
Environment and installation
Operating conditions
Ambient temperature
With ATEX/IECEx approval
0…+ 60 °C
Without Ex approval
- 10…+ 60 °C
Degree of protection
IP65/IP67 according to EN 60529, 4X according to NEMA 250 standard
Operating altitude
Up to 2000 m above sea level
Installation and mechanical data
Mounting variant
NAMUR according to IEC 60534 - 6 - 1 resp. VDI/VDE 3845 (IEC 60534 - 6 - 2), remote
Installation position
As required, display above or sideways
Valve actuator (type, size)
Rotary and linear actuators according to NAMUR, ELEMENT Type 2301, 2300 (actuator size
Ø 70/90/130/225 mm) and CLASSIC (actuator size Ø 175/225 mm) in combination with remote
version
Adapter kit
Further information can be found in chapter “7.4. Ordering chart accessories” on page 29.
1.) The supply pressure has to be 0.5…1 bar above the minimum required pilot pressure for the valve actuator.
2.) Pressure data: Overpressure to atmospheric pressure
1.2. Without fieldbus communication
Electrical data
Operating voltage
24 V DC ± 25 %
Residual ripple
Max. 10 %
Protection class
III according to DIN EN 61140
Input/Output
Digital input
1 digital input, 0…5 V = log “0”, 10…30 V = log “1”
Analogue output
1 output (optional)
0/4…20 mA
Input data setpoint
Setpoint signal
Set-point value setting default
4…20 mA (0…20 mA adjustable via configuration software)
Input resistance
0/4…20 mA: 75 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com