Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 28 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic positioner SideControl BASIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 28 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 27Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 28Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 29Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Type 8791
28 | 29
Visit product website 
Positioner SideControl Type 8791 Remote-Version
Assembly
variations
Actuator size
ELEMENT
Control
function
Pilot valve
system/
Air capacity
Communi-
cation
Electrical
connec-
tion
Feed-
back
Digital
input
ATEX II 3GD/
IECEx CCC 1.)
Article no.
Remote
Ø 70/90 mm
Single-acting
Low
Without
Cable
gland
–
Yes
–
323220 
Analogue Yes
–
323225 
Ø 130/225 mm Single and
double-acting
Universal
–
Yes
–
323219 
Analogue Yes
–
323224 
Ø 70/90 mm
Single-acting
Low
IO-Link
Port class
A
Multipole Digital
–
–
20032776 
Ø 70/90 mm
Single-acting
Low
Digital
–
Yes
o. r.
Ø 130/225 mm Single and
double-acting
Universal
Digital
–
–
20032775 
Ø 130/225 mm Single and
double-acting
Universal
Digital
–
Yes
20032477 
Ø 70/90 mm
Single-acting
Low
IO-Link
Port class
B
Digital
–
–
323208 
Ø 70/90 mm
Single-acting
Low
Digital
–
Yes
o. r.
Ø 130/225 mm Single and
double-acting
Universal
Digital
–
–
323209 
Ø 130/225 mm Single and
double-acting
Universal
Digital
–
Yes
o. r.
Ø 70/90 mm
Single-acting
Low
Bürkert
system bus
(büS)
Digital
–
–
323212 
Ø 130/225 mm Single and
double-acting
Universal
Digital
–
–
323211 
Remote
IP20
Ø 70/90 mm
Single-acting
Low
Without
Cable
gland
–
Yes
–
o. r.
Analogue Yes
–
o. r.
Ø 130/225 mm Single and
double-acting
Universal
–
Yes
–
o. r.
Analogue Yes
–
o. r.
o. r. = on request
1.) CCC (China Compulsory Certificate) for device versions with Ex approval
Remote position sensor for remote version of SideControl Type 8791
Product
Mounting
version
Electrical connection
cULus
ATEX II 3 GD/IECEx CCC 1.)
Article no.
Mounting on control valves
Type 8798 
Control valve
Type 23xx
Cable gland - 10 m round cable Yes
–
300730 
Cable gland - 10 m round cable –
Yes
20003944 
Multipole - 10 m round cable
Yes
–
307956 
Control valve
Type 27xx
Cable gland - 10 m round cable Yes
–
211535 
Cable gland - 10 m round cable –
Yes
226859 
Multipole - 10 m round cable
Yes
–
329888 
NAMUR mounting
NAMUR (rotative) Cable gland
2 m round cable (extendable to
10 m maximum)
Yes
–
211536 
1.) CCC (China Compulsory Certificate) for device versions with Ex approval



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com