Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 22 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic positioner SideControl BASIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 22 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Type 8791
22 | 29
Visit product website 
5.2. Interface diagram
Version without fieldbus communication
Input for setpoint
position value
4…20mA 1.)
0…20 mA
Digital input
Operation
Positioner
BASIC
Analogue feedback
(optional)
4…20mA 1.), 0…20mA
Initiator 1/Initiator 2
24 V PNP NO
(optional)
24 V DC
Communication
interface
1.) Default setting
Version with fieldbus communication
AS-Interface, IO-Link and Bürkert system bus (büS)
Bus
Operation
Positioner BASIC
AS-Interface
IO-link
büS
Bus
Initiator 1/Initiator 2
24 V PNP NO
(optional)
24 V DC
Communication
interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com