Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 18 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic positioner SideControl BASIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 18 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Type 8791
18 | 29
Visit product website 
Connection type 3-wire or 4-wire (setting via communication software)
Connection type 4-wire (factory setting)
Connection type 3-wire
The set-point value input is designed as a differential input, i.e. the
GND lines of the set-point value input and the supply voltage are
not identical.
Note:
If the GND signals of the set-point value input and the supply
voltage are connected, the 3-wire connection type must be set in
the software.
The set-point value input is related to the GND line of the supply
voltage, i.e. setpoint input and supply voltage have a common GND
line
11+
12-
0/4...20 mA
GND
+24V
GND
+24 V DC
+
+
U
I
11+
0/4...20 mA
GND
+24V
GND
+24 V DC
+
+
U
I
Option analogue feedback
Terminal
Pin assignment
Outer circuitry/Signal level
31 +
Analogue feedback +
31 +
+ (0/4…20 mA)
32 –
Analogue feedback GND
32 –
GND (identical to GND operating voltage)
Terminal assignment for operating voltage
Terminal
Pin assignment
Outer circuitry/Signal level
+ 24 V
GND
Operating voltage +
Operating voltage GND
+ 24 V
GND
24 V DC ± 25 %
Max. residual ripple 10 %
Remote version option in conjunction with remote position sensor Type 8798
Terminal
Pin assignment
Outer circuitry/Signal level
Position sensor
Remote
S +
Sensor supply +
S +
+
Remote
sensor
Type 8798
S -
Sensor supply –
S -
–
A
Serial interface, A-line
A
A-line
B
Serial interface, B-line
B
B-line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com