Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic positioner SideControl BASIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Type 8791
7 | 29
Visit product website 
1.6. Linear remote position sensor (ELEMENT Type 8798)
Note:
When the positioner is mounted remotely from the actuator, the length of the pneumatic control lines influences the dynamics and achieva-
ble accuracy of the positioner control loop. The length of the control air lines should therefore be selected as short as possible.
Product properties
Actual position signal
Digital (RS485)
Detection range of the sensor
3…45 mm (stroke range of valve spindle)
Electrical data
Operating voltage
24 V DC ± 25 %, UL: NEC Class 2
Protection class
III according to DIN EN 61140
Power consumption
< 0.3 W
Electrical connection
Cable gland (cable length)
1x M16 × 1.5 (cable Ø5…10 mm) on screw terminals (0.14…1.5 mm²)
Connection cable
10 m
Approvals and conformities
Protection class
IP65 and IP67 according to EN 60529, 4X according to NEMA 250 standard
Explosion protection
Ignition protection class
II 3G Ex ec IIC T4 Gc
II 3D Ex tc IIIC T135 °C Dc
North America (USA/Canada)
UL Recognized for the USA and
Canada
cULus certificate: 238179
Further information can be found in chapter “2.5. North America (USA/Canada)” on page 9.
Others
China Compulsory Certification (CCC)
The products with Ex approval are suitable for import and use for hazardous applications in
China. Further information can be found in chapter “2.6. Others” on page 10.
Further information can be found in chapter “2. Approvals and conformities” on page 9.
Environment and installation
Ambient temperature
- 25…+ 80 °C
1.7. Rotative remote position sensor (NAMUR)
Note:
When mounting the remote positioner away from the actuator, the length of the pneumatic control lines influences the dynamics and
accuracy of the position control loop. The length of the control air lines should therefore be as short as possible.
Product properties
Stroke range when mounted to linear
actuator
3…130 mm, depending on the lever in the attachment kit
Actual position signal
Digital (RS485)
Measuring range
Rotation angle 30°…180°
Electrical data
Operating voltage
10…30 V DC
Protection class
III according to DIN EN 61140
Power consumption
< 0.8 W
Electrical connection
2 m round cable (shielded)
Approvals and conformities
Protection class
IP65 according to EN 60529
North America (USA/Canada)
UL Recognized for the USA and
Canada
cULus certificate: E226909
Further information can be found in chapter “2.5. North America (USA/Canada)” on page 9.
Further information can be found in chapter “2. Approvals and conformities” on page 9.
Environment and installation
Ambient temperature
- 25…+ 80 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com