Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 17 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic positioner SideControl BASIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 17 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Type 8791
17 | 29
Visit product website 
Position feedback with proximity switches
Note:
Accessories for upgrading
Proximity switch 1
Proximity switch 2
1
4
3
2
No.
Pin assignment
Outer circuitry/Signal level
1
Supply 10…30 V
+ 10…30 V
10…30 V
2
Switching output (NO)
proximity switches 1
+ 10…30 V
Open/10…30 V
3
GND
GND
GND
4
Switching output (NO)
proximity switches 2
+ 10…30 V
Open/10…30 V
Cable gland
11 +
12 –
81
82
31 +
32 –
A
B
+
–
+24 V
GND
Terminal
Pin assignment
External circuitry/signal level
11 +
Setpoint +
11 +
+ (0/4…20 mA)
12 –
Setpoint GND
12 –
GND (see connection table for
3-wire or 4-wire below)
81 +
Digital input +
81 +
+
0…5 V (log. “0”)
10…30 V (log. “1”)
82 –
Digital input –
82 –
GND (identical to GND operating voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com