Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 23 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic positioner SideControl BASIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 23 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 27Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Type 8791
23 | 29
Visit product website 
6.
Product installation
6.1. Mounting options
NAMUR version
Note:
Positioner with integrated position sensor, installation according to NAMUR/IEC 60534 - 6 - 1 and VDI/VDE 3845 (IEC 60534 - 6 - 2)
The NAMUR version of the SideControl positioner is equipped with an integrated position sensor (linear or rotary). It has a standardised
interface for direct attachment to linear actuators according to NAMUR/IEC 60534 - 6 - 1 and VDI/VDE 3845 (IEC 605334 - 6 - 2).
Linear actuators
Rotary actuators
See operating manual Type 8791 
See operating manual Type 8791 
Description
Article no.
Mounting kit
787215 
Description
Article no.
Adapter kit
787338 
Mounting bracket
770294 
Adapter kit for rotary actuators (Article no. 787338)
Mounting bracket for rotary actuator (Article no. 770294)
4
15
23
3
7
9
8
+0.1
1
2
3
4
5
107.6
B
R34
19.5
R7
C
Actuator shaft height
A
B
C
[mm]
[mm]
[mm]
[mm]
20
46.5
80
–
30
56.5
80
130
50
76.5
–
130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com