Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic positioner SideControl BASIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Type 8791
6 | 29
Visit product website 
1.3. With fieldbus communication: AS-Interface
Product properties
Profile
S- 7.3.4 output: 16 bit setpoint/certificate no. 87301 according to specification V3.0
S- 7.A.5 output: 16 bit setpoint; input: 16 bit setpoint/certificate no. 95401 according to
specification V3.0
Electrical data
Operating voltage
29.5…31.6 V DC
Via bus cable
According to specification
Max. current consumption
150 mA (without external power supply)
Electrical connection
M12, 4-pin stainless steel plug assembled up to 80 cm cable
Watchdog function
Integrated
1.4. With digital communication: IO-Link
Electrical data
Electrical connection
M12 × 1, 5-pin, A-coded
IO-Link Revision
1.1
SIO-Mode
No
VendorID
0x0078, 120
DeviceID
The IODD file can be downloaded from our website . See Software > Device Description Files.
Transmission rate
230.4 kbit/s (COM 3)
Data storage
Yes
Max. cable length
20 m
Port Class A
Operating voltage
24 V DC ± 25 % (according to specification)
Current consumption
Max. 150 mA
Port Class B
Operating voltage
System supply (Pin 1 + 3)
24 V DC ± 25 % (according to specification)
Actuator supply (Pin 2 + 5)
24 V DC ± 25 % (according to specification)
Current consumption
System supply (Pin 1 + 3)
Max. 50 mA
Actuator supply (Pin 2 + 5)
Max. 120 mA
1.5. With digital communication: Bürkert system bus (büS)
Electrical data
Operating voltage
24 V DC ± 25 % (according to specification)
Electrical connection
M12 × 1, 5-pin, A-coded
Current consumption
Max. 150 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com