Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic positioner SideControl BASIC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2103 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Visit product website 
DATA SHEET
Type 8805
Ball valve / Butterfly valve
with pneumatic rotary
actuator
Type 2051
Pneumatic rotary actuator
Type 8798
Remote sensor for
pneumatically actuated
process valves
Type 2301
Pneumatically operated
2-way Globe Control
Valve
Type 2300
Pneumatically operated
2-way angle seat control
valve ELEMENT
Type 2103
2/2-way diaphragm valve
with pneumatic stainless
steel actuator (Type ELE-
MENT) for decentralised
automation
Standard | EU | en | 2024 - 03 - 07 | 21
Digital electropneumatic positioner SideControl BASIC
• Compact and robust design
• Easy start-up using Tune function
• Integrated diagnostic functions for valve monitoring
• Dynamic actuating system with no air consumption in controlled state
• IO-Link, AS interface or Bürkert system bus (büS)
The robust and compact positioner is designed for mounting on linear and rotary
actuators with standardisation according to IEC 65034 - 6 - 1 or VDI/VDE 3845
(IEC 60534 - 6 - 2) The variant with remote position sensor can also be used to
control Bürkert process control valves. The set-point value setting default for
the digital electropneumatic positioner SideControl BASIC occurs via standard
signals 4…20 mA and/or via bus as an option. A digital input and optional
analogue feedback are also available. The valve opening is qualitatively signalled
via a mechanical display element and the device status, via 3 coloured LEDs.
All operating elements are located inside the housing. Start-up is performed auto-
matically and the following functions are enabled directly on the device via DIP
switch: sealing threshold, inversion of set point signal direction, characteristic
selection, manual/automatic operating state switchover. Additional options for
configuration and parametrising, such as the linearisation of the operating charac-
teristic with the aid of a freely programmable correction characteristic, are available
using communication software. The pneumatic actuating system can be used
equally for single-acting and double-acting actuators. It is characterised by a
defined safety response in the event of the failure of the electrical or pneumatic
auxiliary power and possesses an enormous air capacity range at pressure sup-
plies up to 7 bar.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8791
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 2103

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2103 POMONA-2103 Datasheet
22Kb / 1P
Phenolic Box With Cover
logo
XFMRS Inc.
2103 XFMRS-2103 Datasheet
440Kb / 6P
HIGH SPEED COMBO MAGNETIC MODULES FOR 10/100BASE-TX APPLICATIONS
logo
Festo Corporation.
2103 FESTO-2103 Datasheet
76Kb / 1P
One-way flow control valve
logo
New Japan Radio
2103 NJRC-2103 Datasheet
291Kb / 9P
SYSTEM RESET IC
logo
Heyco.
2103 HEYCO-2103 Datasheet
133Kb / 1P
Snap Bushings
More results

Similar Description - 2103

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H8PS OMRON-H8PS Datasheet
530Kb / 19P
Cam Positioner
logo
Tyco Electronics
2100 MACOM-2100 Datasheet
285Kb / 3P
Miniature Electropneumatic Timing Relay
logo
Fuji Electric
EDS9-50B FUJI-EDS9-50B Datasheet
73Kb / 4P
OPTICAL-PNEUMATIC POSITIONER
logo
Tyco Electronics
2-1423157-0 MACOM-2-1423157-0 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423157-4 MACOM-2-1423157-4 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423159-3 MACOM-2-1423159-3 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423162-4 MACOM-2-1423162-4 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
logo
Omron Electronics LLC
3F88L-RS17 OMRON-3F88L-RS17 Datasheet
465Kb / 6P
Cam Positioner
logo
PHOENIX CONTACT
SF-Z0002 PHOENIX-SF-Z0002 Datasheet
43Kb / 2P
Crimp head positioner
ST-Z0010 PHOENIX-ST-Z0010 Datasheet
45Kb / 2P
Crimp head positioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com