Electronic Components Datasheet Search
  English  ▼

X  

DLPC964 Datasheet(PDF) 24 Page - Texas Instruments

Part # DLPC964
Description  DLPC964 Digital Micromirror Device Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC964 Datasheet(HTML) 24 Page - Texas Instruments

Back Button DLPC964 Datasheet HTML 20Page - Texas Instruments DLPC964 Datasheet HTML 21Page - Texas Instruments DLPC964 Datasheet HTML 22Page - Texas Instruments DLPC964 Datasheet HTML 23Page - Texas Instruments DLPC964 Datasheet HTML 24Page - Texas Instruments DLPC964 Datasheet HTML 25Page - Texas Instruments DLPC964 Datasheet HTML 26Page - Texas Instruments DLPC964 Datasheet HTML 27Page - Texas Instruments DLPC964 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 77 page
background image
Table 6-5. Block Control Word Fields Definition (continued)
Field Position
Field Type
Field Description
gt0_s_axi_user_k_tx_tdata[34:32]
LOAD_TYPE
000: Block loading. DLPC964 will load the user data to the DMD array area
defined by the BLOCK_ADDRESS and ROW_LENGTH
001: Block Clear. DLPC964 will clear the DMD array to zeroes in the entire
block defined by BLOCK_ADDRESS.
010: Block Set. DLPC964 will set the DMD array to ones in the entire block
defined by BLOCK_ADDRESS
Other values: reserved, do not use.
Note: when in 001 (block clear) or 010 (block set) operation, the
ROW_LENGTH and NORTH_SOUTH_FLIP fields are ignored. Block Set/
Clear operations do not support partial block operation.
gt0_s_axi_user_k_tx_tdata[36]
NORTH_SOUTH_FLIP
Control the direction of data loading within a DMD block.
0: DLPC964 loads data starting and counting up from row 0
1: DLPC964 loads data starting and counting down from row 135
Note: this field only used if LOAD_TYPE is 000
gt0_s_axi_user_k_tx_tdata[29:28]
DMD_SEGMENT
When SINGLE_CHANNEL_MODE = '1', select the DMD segment to which the
DLPC964 will apply the operation.
DLPC964 controller ignores this field if SINGLE_CHANNEL_MODE = '0'
gt0_s_axi_user_k_tx_tdata[30]
SINGLE_CHANNEL_MODE
1: Single channel operation. Loading the DMD array with only Aurora 64B/66B
channel 0.
0: Normal operation. Loading the DMD array with all four Aurora 64B/66B
channels.
gt0_s_axi_user_k_tx_tdata[191:31]
Reserved, unused
6.4.1.1.1 Block Clear and Block Set
As described in Table 6-5, block clear and block set operations are controlled through the use of the
LOAD_TYPE bits in the block control word sent to the DLPC964 through the Aurora 64B/66B interface at the
beginning of a DMD action. When the block clear operation is requested, the SRAM cells in the desired block(s)
are written with logic zero data. When the block set operation is requested, the SRAM cells in the desired
block(s) are written with logic one data. Both of these load types do not require mirror data to be input to the
DLPC964 or mirror data to be sent from the DLPC964 to the DMD.
6.4.1.1.2 Image Orientation—Block Load Increment / Decrement
In Table 6-5, the NORTH_SOUTH_FLIP bits in the block control word determine the direction in which a
DMD block is loaded. A '0' in this field loads data starting at row 0 and incrementing the desired number
of rows indicated by the ROW_LENGTH bits. A '1' in this field will load data beginning at row 136 and
decrementing to the desired number of rows indicated by the ROW_LENGTH bits. Please note that this field is
only used if LOAD_TYPE is set to '000' for block load operation. Block clear and block set operations ignore the
NORTH_SOUTH_FLIP bits.
6.4.1.1.3 Single Channel Mode
In Table 6-5, the SINGLE_CHANNEL_MODE and DMD_SEGMENT bits in the Block Control Word are used
to enable and control Single Channel Mode for the DLPC964 64B/66B input interface. Single Channel Mode
operation allows the DLPC964 controller to operate and load input data from a single 64B/66B Input Channel
(Channel 0) instead of all four 64B/66B Input Channels. A '1' in the SINGLE_CHANNEL_MODE field enables
Single Channel Mode. The DMD_SEGMENT field is utilized to instruct the DLPC964 which DMD Segment the
input data is intended to be loaded.
DLPC964
DLPS167 – MARCH 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: DLPC964



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com