Electronic Components Datasheet Search
  English  ▼

X  

DLPC964 Datasheet(PDF) 39 Page - Texas Instruments

Part # DLPC964
Description  DLPC964 Digital Micromirror Device Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC964 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DLPC964 Datasheet HTML 35Page - Texas Instruments DLPC964 Datasheet HTML 36Page - Texas Instruments DLPC964 Datasheet HTML 37Page - Texas Instruments DLPC964 Datasheet HTML 38Page - Texas Instruments DLPC964 Datasheet HTML 39Page - Texas Instruments DLPC964 Datasheet HTML 40Page - Texas Instruments DLPC964 Datasheet HTML 41Page - Texas Instruments DLPC964 Datasheet HTML 42Page - Texas Instruments DLPC964 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
Table 6-21. PRBS7_MACRO3_TEST_RESULT Register (continued)
Bit(s)
Description
Reset
Type
Notes
1
Fieldname: PRBS7_M3LN1_TEST_RESULT_FLD
0x0
r
'1' = DMD Macro 3 lane 1 test passed
'0' = test failed
2
Fieldname: PRBS7_M3LN2_TEST_RESULT_FLD
0x0
r
'1' = DMD Macro 3 lane 2 test passed
'0' = test failed
3
Fieldname: PRBS7_M3LN3_TEST_RESULT_FLD
0x0
r
'1' = DMD Macro 3 lane 3 test passed
'0' = test failed
4
Fieldname: PRBS7_M3LN4_TEST_RESULT_FLD
0x0
r
'1' = DMD Macro 3 lane 4 test passed
'0' = test failed
5
Fieldname: PRBS7_M3LN5_TEST_RESULT_FLD
0x0
r
'1' = DMD Macro 3 lane 5 test passed
'0' = test failed
6
Fieldname: PRBS7_M3LN6_TEST_RESULT_FLD
0x0
r
'1' = DMD Macro 3 lane 6 test passed
'0' = test failed
7
Fieldname: PRBS7_M3LN7_TEST_RESULT_FLD
0x0
r
'1' = DMD Macro 3 lane 7 test passed
'0' = test failed
31:8
UNUSED
0x0
6.5.1.13 PRBS7_TEST_CONTROL Register
The PRBS7_TEST_CONTROL Register controls the PRBS7 Testing available on the DMD High Speed
Interface. The duration of the test for each lane can be set, which DMD channel(s) are tested, and which
lanes within the selected DMD channel(s) are tested.
Table 6-22. PRBS7_TEST_CONTROL Register
Bit(s)
Description
Reset
Type
Notes
15:0
Fieldname: PRBS7_TESTDURATION_FLD
0x0
r/w
PRBS7 run test time for each lane.
LSB = 1 ms.
Default to zero = 10ms.
16
Fieldname: PRBS7_DMDCH0_SELECT_FLD
0x1
r/w
1' = enable PRBS7 test running on DMD channel 0 (use lane enable to select specific lane)
17
Fieldname: PRBS7_DMDCH1_SELECT_FLD
0x1
r/w
1' = enable PRBS7 test running on DMD channel 1 (use lane enable to select specific lane)
18
Fieldname: PRBS7_DMDCH2_SELECT_FLD
0x1
r/w
1' = enable PRBS7 test running on DMD channel 2 (use lane enable to select specific lane)
www.ti.com
DLPC964
DLPS167 – MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: DLPC964



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com