Electronic Components Datasheet Search
  English  ▼

X  

DLPC964 Datasheet(PDF) 4 Page - Texas Instruments

Part # DLPC964
Description  DLPC964 Digital Micromirror Device Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC964 Datasheet(HTML) 4 Page - Texas Instruments

  DLPC964 Datasheet HTML 1Page - Texas Instruments DLPC964 Datasheet HTML 2Page - Texas Instruments DLPC964 Datasheet HTML 3Page - Texas Instruments DLPC964 Datasheet HTML 4Page - Texas Instruments DLPC964 Datasheet HTML 5Page - Texas Instruments DLPC964 Datasheet HTML 6Page - Texas Instruments DLPC964 Datasheet HTML 7Page - Texas Instruments DLPC964 Datasheet HTML 8Page - Texas Instruments DLPC964 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
I/O Type Descriptions (continued)
I/O TYPE
DESCRIPTION
LVDS_18_NI
LVDS 1.8V negative input
LVDS_18_PI
LVDS 1.8V positive input
LVDS_18_NO
LVDS 1.8V negative output
LVDS_18_PO
LVDS 1.8V positive output
LVDCI_18_I
Low-voltage digitally controlled impedance 1.8V input
LVDCI_18_O
Low-voltage digitally controlled impedance 1.8V output
MGTHRX_18_NI
GTH Receiver Differential 1.8V negative input
MGTHRX_18_PI
GTH Receiver Differential 1.8V positive input
MGTHTX_18_NO
GTH Receiver Differential 1.8V negative output
MGTHTX_18_PO
GTH Receiver Differential 1.8V positive output
MGTREFCLK_NI
GTH Receiver RefClk Differential 1.8V negative input
MGTREFCLK_PI
GTH Receiver RefClk Differential 1.8V positive input
NC
No connection
Table 4-1. Pin Functions
PIN
I/O TYPE(1)
ACTIVE (HI
OR LO)
CLOCK SYSTEM
DESCRIPTION
NAME
NO.
SYS_ARSTZ
G25
LVCMOS18_I
LO = 0
—
DLPC964 Reset
I2C_ADDR_SEL[0]
M25
LVCMOS18_I
HI = 1
—
DLPC964 Slave I2C Address Bit 0
I2C_ADDR_SEL[1]
D26
LVCMOS18_I
HI
—
DLPC964 Slave I2C Address Bit 1
I2C_SCL
B23
LVCMOS18_B
—
—
DLPC964 Slave I2C Clock.
Requires an external 2.2kΩ pullup
resistor
I2C_SDA
B25
LVCMOS18_B
—
I2C_SCL
DLPC964 Slave I2C Data.
Requires an external 2.2kΩ pullup
resistor
SYS_CLK100_N
H24
LVDS_18_NI
—
Reference clock
100MHz Differential Reference
Clock (N)
SYS_CLK100_P
J24
LVDS_18_PI
—
Reference clock
100MHz Differential Reference
Clock (P)
CCLK_0
V25
LVCMOS18_O
—
Flash interface clock
Connect to Configuration Flash
device CLK.
FLASH_MISO
A24
LVCMOS18_I
—
CCLK_0
Connect to Configuration Flash
MISO.
FLASH_MOSI
A23
LVCMOS18_O
—
CCLK_0
Connect to Configuration Flash
device MOSI.
FLASH_CSZ
C24
LVCMOS18_O
LO
CCLK_0
Connect to Configuration Flash
device CSZ.
BLKADDR[0]
B26
LVCMOS18_I
HI
—
Block Address bit 0
BLKADDR[1]
A26
LVCMOS18_I
HI
—
Block Address bit 1
BLKADDR[2]
F24
LVCMOS18_I
HI
—
Block Address bit 2
BLKADDR[3]
F25
LVCMOS18_I
HI
—
Block Address bit 3
BLKADDR[4]
E24
LVCMOS18_I
HI
—
Block Address bit 4
BLKMODE[0]
C27
LVCMOS18_I
HI
—
Block Mode bit 0
BLKMODE[1]
A25
LVCMOS18_I
HI
—
Block Mode bit 1
BLKLOADZ
B27
LVDCI_18_O
LO
—
Connect to Apps FPGA
BLKLOADZ.
LOAD2
D25
LVCMOS18_I
HI
—
Enables Load-2 functionality of the
DMD. Includes an internal pulldown
WDT_ENABLEZ
J22
LVCMOS18_I
LO
—
DMD Mirror Clocking Pulse
Watchdog Timer Enable. Includes
an internal pulldown
MCP_START
J25
LVCMOS18_I
HI
—
Initiates a Mirror Clocking Pulse
(MCP)
MCP0_ACTIVE
E27
LVDCI_18_O
HI
—
Connect to Apps FPGA
MCP_ACTIVE0.
MCP1_ACTIVE
D27
LVDCI_18_O
HI
—
Connect to Apps FPGA
MCP_ACTIVE1.
DLPC964
DLPS167 – MARCH 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: DLPC964



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com