Electronic Components Datasheet Search
  English  ▼

X  

DLPC964 Datasheet(PDF) 59 Page - Texas Instruments

Part # DLPC964
Description  DLPC964 Digital Micromirror Device Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC964 Datasheet(HTML) 59 Page - Texas Instruments

Back Button DLPC964 Datasheet HTML 55Page - Texas Instruments DLPC964 Datasheet HTML 56Page - Texas Instruments DLPC964 Datasheet HTML 57Page - Texas Instruments DLPC964 Datasheet HTML 58Page - Texas Instruments DLPC964 Datasheet HTML 59Page - Texas Instruments DLPC964 Datasheet HTML 60Page - Texas Instruments DLPC964 Datasheet HTML 61Page - Texas Instruments DLPC964 Datasheet HTML 62Page - Texas Instruments DLPC964 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 77 page
background image
be taken by the APPS FPGA to avoid overrunning these two buffers. Refer to Figure 7-5. After completing
the current Aurora data transfer of block data and asserting the DMDLOAD_REQ signal, the APPS FPGA
must wait for the de-assertion of BLKLOADZ by the DLPC964 Controller (i.e. BLKLOADZ transition from low
to high) before starting the next block data transfer. De-assertion of BLKLOADZ indicates that the DLPC964
Controller has completed the DMD data loading operation for previous block, and a data buffer is freed up for
accepting a new data block from the Aurora interface. The buffer will be overrun and data will be incorrectly
loaded to the DMD if the APPS FPGA does not synchronize the Aurora block data transfer with BLKLOADZ
signal de-assertion.
• It is not necessary for the APPS FPGA to immediately assert DMDLOAD_REQ after sending a DMD data
block. The APPS FPGA may send the DLPC964 Controller a DMD data block and then delay the assertion of
DMDLOAD_REQ until the system is ready for the DMD be loaded. Figure 7-6 describes this operation.
Figure 7-5. End of Block DMDLOAD_REQ Assertion Followed by New Block Control Word Waveform
1. APPS FPGA user logic asserts DMDLOAD_REQ immediately after the completion of current block data
transmission on all four Aurora data interfaces.
2. DLPC964 Controller de-asserts BLKLOADZ, indicating completion of the data loading operation for the
previous DMD block.
3. APPS FPGA user logics detects the de-assertion of BLKLOADZ and sends a new Block Control Word on
Aurora Channel 0 User-K Port for the next block data.
4. APPS FPGA user logics sending data for next block.
5. BLKLOADZ is asserted low by the DLPC964 Controller, indicating the data loading operation for current
block triggered by DMDLOAD_REQ occurred at 1.
www.ti.com
DLPC964
DLPS167 – MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: DLPC964



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com