Electronic Components Datasheet Search
  English  ▼

X  

DLPC964 Datasheet(PDF) 11 Page - Texas Instruments

Part # DLPC964
Description  DLPC964 Digital Micromirror Device Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC964 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DLPC964 Datasheet HTML 7Page - Texas Instruments DLPC964 Datasheet HTML 8Page - Texas Instruments DLPC964 Datasheet HTML 9Page - Texas Instruments DLPC964 Datasheet HTML 10Page - Texas Instruments DLPC964 Datasheet HTML 11Page - Texas Instruments DLPC964 Datasheet HTML 12Page - Texas Instruments DLPC964 Datasheet HTML 13Page - Texas Instruments DLPC964 Datasheet HTML 14Page - Texas Instruments DLPC964 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
Table 4-1. Pin Functions (continued)
PIN
I/O TYPE(1)
ACTIVE (HI
OR LO)
CLOCK SYSTEM
DESCRIPTION
NAME
NO.
UNUSED
A8, A9, A10, A11, A13, A14,
A15, A16, A18, A19, A20, A21,
A23, A24, AC3, AC4, AC7, AC8,
AC27, AC28, AC31, AC32, AD5,
AD6, AD16, AD18, AD29, AD30,
AE3, AE4, AE7, AE8, AE16,
AE17, AE18, AE19, AE21, AE22,
AE23, AE24, AE27, AE28, AE31,
AE32, AF5, AF6, AF15, AF16,
AF18, AF19, AF20, AF21, AF23,
AF24, AF25, AF29, AF30, AG3,
AG4, AG15, AG16, AG17, AG18,
AG20, AG21, AG22, AG23,
AG25, AG31, AG32, AH5, AH6,
AH10, AH15, AH17, AH18, AH19,
AH20, AH22, AH23, AH24, AH25,
AH29, AH30, AJ11, AJ15, AJ16,
AJ17, AJ19, AJ20, AJ21, AJ22,
AJ24, AJ25, AJ26, AJ27, AK5,
AK6, AK11, AK16, AK17, AK18,
AK19, AK21, AK22, AK23, AK24,
AK26, AK27, AK29, AK30, AL3,
AL4, AL8, AL11, AL13, AL15,
AL16, AL18, AL19, AL20, AL21,
AL23, AL24, AL25, AL26, AL31,
AL32, AM5, AM6, AM11, AM15,
AM16, AM17, AM18, AM20,
AM21, AM22, AM23, AM25,
AM26, AM27, AM29, AM30,
AN13, AN15, AN17, AN18, AN19,
AN20, AN22, AN23, AN24, AN25,
AN27, AP5, AP6, AP10, AP15,
AP16, AP17, AP19, AP20, AP21,
AP22, AP24, AP25, AP26, AP27,
AP29, AP30, B5, B6, B8, B10,
B11, B12, B13, B15, B16, B17,
B18, B20, B21, B22, B29, B30,
C3, C4, C8, C9, C10, C12, C13,
C14, C15, C17, C18, C19, C20,
C22, C23, C24, C25, C31, C32,
D5, D6, D9, D10, D11, D12, D14,
D15, D16, D17, D19, D20, D21,
D22, D29, D30, E3, E4, E8, E9,
E11, E12, E13, E14, E16, E17,
E18, E19, E21, E22, E31, E32,
F5, F6, F10, F11, F13, F14, F15,
F16, F18, F19, F20, F21, F29,
F30, G10, G11, G12, G13, G15,
G16, G17, G18, G20, G21, G22,
G23, H5, H6, H10, H12, H13,
H14, H15, H17, H18, H19, H20,
H23, H29, H30, J3, J4, J7, J8,
J10, J11, J12, J14, J15, J16, J17,
J19, J20, J21, J27, J28, J31, J32,
K5, K6, K11, K12, K13, K14, K16,
K17, K18, K19, K21, K29, K30,
L3, L4, L7, L8, L10, L11, L13,
L14, L15, L16, L18, L19, L20,
L21, L27, L28, L31, L32, M10,
M11, M12, M13, M15, M16, M17,
M18, M20, M21, N7, N8, N10,
N12, N13, N14, N15, N17, N18,
N19, N20, N23, N24, N25, N27,
N28, P1, P2, P10, P11, P12, P14,
P15, P16, P17, P19, P20, P21,
P22, P25, P33, P34, R11, R13,
T1, T2, T33, T34, U3, U4, U7,
U8, U27, U28, U31, U32, V1, V2,
V33, V34, W3, W4, W31, W32,
Y1, Y2, Y33, Y34
NC
(1)
I = Input, O = Output, B = Input or Output, GND = Ground, PWR = Power, NC = No Connect.
www.ti.com
DLPC964
DLPS167 – MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: DLPC964



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com