Electronic Components Datasheet Search
  English  ▼

X  

DLPC964 Datasheet(PDF) 34 Page - Texas Instruments

Part # DLPC964
Description  DLPC964 Digital Micromirror Device Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC964 Datasheet(HTML) 34 Page - Texas Instruments

Back Button DLPC964 Datasheet HTML 30Page - Texas Instruments DLPC964 Datasheet HTML 31Page - Texas Instruments DLPC964 Datasheet HTML 32Page - Texas Instruments DLPC964 Datasheet HTML 33Page - Texas Instruments DLPC964 Datasheet HTML 34Page - Texas Instruments DLPC964 Datasheet HTML 35Page - Texas Instruments DLPC964 Datasheet HTML 36Page - Texas Instruments DLPC964 Datasheet HTML 37Page - Texas Instruments DLPC964 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
Table 6-11. FPGA_INTERRUPT_ENABLE_CONTROL Register (continued)
Bit(s)
Description
Reset
Type
Notes
4
Fieldname: HSS_CH1_HARD_ERROR_INT_EN_FLD
0x0
W
'1': allow Input Aurora Channel 1 hard error to assert Controller interrupt output.
If this bit and FPGA_INTERRUPT_STATUS register bit 4 are set, the Controller interrupt output
would be asserted
5
Fieldname: HSS_CH2_HARD_ERROR_INT_EN_FLD
0x0
W
'1': allow Input Aurora Channel 2 hard error to assert Controller interrupt output.
If this bit and FPGA_INTERRUPT_STATUS register bit 5 are set, the Controller interrupt output
would be asserted
6
Fieldname: HSS_CH3_HARD_ERROR_INT_EN_FLD
0x0
W
'1': allow Input Aurora Channel 3 hard error to assert Controller interrupt output.
If this bit and FPGA_INTERRUPT_STATUS register bit 6 are set, the Controller interrupt output
would be asserted
7
SPARE
0x0
31:8
UNUSED
0x0
6.5.1.3 FPGA_MAIN_STATUS Register
The FPGA_MAIN_STATUS Register contains the status for the DLPC964 PLL Lock, DMD POWERGOOD, DMD
Parked Status, and DMD High Speed Interface power status. This register is a read only register, and status bits
can only be set/cleared by the DLPC964.
Table 6-12. FPGA_MAIN_STATUS Register
Bit(s)
Description
Reset
Type
Notes
0
Fieldname: MAIN_STATUS_PLL_LOCKED_FLD
0x0
S
Read-only status
1: DLPC964 PLL locked
0: not locked
1
Fieldname: MAIN_STATUS_DMDPWRGOOD_FLD
0x0
S
Read-only status
1: DMD power good from external regulator
0: DMD power not good from external regulator
2
Fieldname: MAIN_STATUS_RSCDRC_DMDPARKED_FLD
0x0
S
Read-only status
1: DMD is parked
0: DMD is not parked
3
Fieldname: MAIN_STATUS_HSIFPWRON_FLD
0x0
S
Read-only status.
1: DMD high speed interface power on
0: DMD high speed interface power off
31:4
UNUSED
0x0
DLPC964
DLPS167 – MARCH 2024
www.ti.com
34
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: DLPC964



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com