Electronic Components Datasheet Search
  English  ▼

X  

DLPC964 Datasheet(PDF) 13 Page - Texas Instruments

Part # DLPC964
Description  DLPC964 Digital Micromirror Device Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC964 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLPC964 Datasheet HTML 9Page - Texas Instruments DLPC964 Datasheet HTML 10Page - Texas Instruments DLPC964 Datasheet HTML 11Page - Texas Instruments DLPC964 Datasheet HTML 12Page - Texas Instruments DLPC964 Datasheet HTML 13Page - Texas Instruments DLPC964 Datasheet HTML 14Page - Texas Instruments DLPC964 Datasheet HTML 15Page - Texas Instruments DLPC964 Datasheet HTML 16Page - Texas Instruments DLPC964 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
5.3 Recommended Operating Conditions (continued)
MIN
NOM
MAX UNIT
VI
Input Voltage
1.8V LVCMOS
0
—
VCCO
V
GTH Differential pk-pk
(DVPPIN)
0.15
—
1.250
V
GTH Single ended
–0.4
— VMGTAVTT
V
GTH Common mode
—
2/3
VMGTAVTT
— mV
VO
Output voltage
1.8V LVCMOS
0
—
VCCO
V
GTH Differential pk-pk
(DVPPOUT)
0.8
—
—
V
GTH Common mode
VMGTAVTT–DVPPOUT/4 mV
ENVIRONMENTAL
TA
Operating ambient temperature
0
—
85
°C
PD
Continuous total power dissipation
—
—
18
W
5.4 Thermal Information
THERMAL METRIC(1)
DLPC964
UNIT
ZUM (FCBGA)
1158 PINS
R θJA
Junction-to-ambient thermal resistance(2)
8.8
°C/W
R θJB
Junction-to-board thermal resistance
2.3
°C/W
R θJC
Junction-to-case thermal resistance
0.16
°C/W
(1)
Refer to the 7 Series FPGAs Packaging and Pinout Product Specification Guide for complete thermal specifications of the
XC7VX415T.
(2)
In still air
over operating free-air temperature range (unless otherwise noted)
5.5 Electrical Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
1.8V LVCMOS
65% VCCO
—
—
V
VIL
Low-level input voltage
1.8V LVCMOS
—
— 35% VCCO
V
VOH
High-level output voltage
1.8V LVCMOS
VCCO –
0.450
—
—
V
VOL
Low-level output voltage
1.8V LVCMOS
—
—
0.450
V
VID
Differential peak-to-peak input voltage
(external AC coupled)
1.0V HSTL_1
0.150
—
1.250
V
VICM
Common mode input voltage
1.0V HSTL_1
—
2/3
VMGTAVTT
—
V
VIN
Single-ended input voltage
1.0V HSTL_1
–0.400
—
VMGTAVTT
V
VOD
Differential peak-to-peak output voltage
1.0V HSTL_1
0.800
—
—
V
VID
Input differential voltage
1.8V LVDS
0.100
0.350
0.600
V
VICM
Input common-mode voltage
1.8V LVDS
0.300
1.200
1.425
V
VOH
High-level output voltage
1.8V LVDS
—
—
1.675
V
VOL
Low-level output voltage
1.8V LVDS
0.825
—
—
V
VOD
Output differential voltage
1.8V LVDS
0.247
0.350
0.600
V
VOCM
Output common-mode voltage
1.8V LVDS
1.000
1.250
1.425
V
CI
Input capacitance
—
8
—
pF
ICCINT
1.0V supply voltage range, core supply
1.0V
3.200
A
www.ti.com
DLPC964
DLPS167 – MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DLPC964



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com