Electronic Components Datasheet Search
  English  ▼

X  

DLPC964 Datasheet(PDF) 8 Page - Texas Instruments

Part # DLPC964
Description  DLPC964 Digital Micromirror Device Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC964 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLPC964 Datasheet HTML 4Page - Texas Instruments DLPC964 Datasheet HTML 5Page - Texas Instruments DLPC964 Datasheet HTML 6Page - Texas Instruments DLPC964 Datasheet HTML 7Page - Texas Instruments DLPC964 Datasheet HTML 8Page - Texas Instruments DLPC964 Datasheet HTML 9Page - Texas Instruments DLPC964 Datasheet HTML 10Page - Texas Instruments DLPC964 Datasheet HTML 11Page - Texas Instruments DLPC964 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
Table 4-1. Pin Functions (continued)
PIN
I/O TYPE(1)
ACTIVE (HI
OR LO)
CLOCK SYSTEM
DESCRIPTION
NAME
NO.
TDO_0
AA25
LVCMOS18_O
—
—
JTAG Data out of DLPC964.
Connects to JTAG return TDO on
JTAG connector
TDI_0
AB25
LVCMOS18_I
—
—
JTAG Data into DLPC964.
Connects to JTAG input TDI on
JTAG connector
TMS_0
W25
LVCMOS18_I
—
—
JTAG Data. Connects to JTAG
TMS on JTAG connector
TCK_0
Y25
LVCMOS18_I
—
—
JTAG Clock. Connects to JTAG
TCK on JTAG connector
INIT_B_0
T10
LVCMOS18_O
—
—
DLPC964 Configuration. Pull up to
1.8V with a 4.7KΩ resistor.
CFGBVS_0
U10
LVCMOS18_I
—
—
DLPC964 Configuration. Connect
to GND.
PROGRAM_B_0
V10
LVCMOS18_O
—
—
DLPC964 Configuration. Pull up to
1.8V with a 4.7KΩ resistor.
DONE_0
AB10
LVCMOS18_O
HI
—
DLPC964 Configuration. Pull up to
1.8V with a 330Ω resistor.
K_DATA[0]
K22
LVDCI_18_O
—
CLK_K
Bit 64 of user_k_tdata[]
K_DATA[1]
K23
LVDCI_18_O
—
CLK_K
Bit 65 of user_k_tdata[]
K_DATA[2]
M23
LVDCI_18_O
—
CLK_K
Bit 66 of user_k_tdata[]
K_VALID
K24
LVDCI_18_O
—
CLK_K
K_DATA[3]
L23
LVDCI_18_O
—
CLK_K
Bit 67 of user_k_tdata[]
CLK_K
L24
LVDCI_18_I
—
—
K_DATA Clock input (156.25MHz)
K_DATA[4]
L25
LVDCI_18_O
—
CLK_K
Bit 68 of user_k_tdata[]
FAN_PWM
N22
LVDCI_18_O
—
—
To DLPC964 Controller Fan
connector
TESTMUX0
AE11
LVDCI_18_O
—
—
No connect. For access to test
point output route to test via.
TESTMUX1
AE13
LVDCI_18_O
—
—
No connect. For access to test
point output route to test via.
TESTMUX2
AE14
LVDCI_18_O
—
—
No connect. For access to test
point output route to test via.
TESTMUX3
AF10
LVDCI_18_O
—
—
No connect. For access to test
point output route to test via.
TESTMUX4
AF11
LVDCI_18_O
—
—
No connect. For access to test
point output route to test via.
TESTMUX5
AF13
LVDCI_18_O
—
—
No connect. For access to test
point output route to test via.
TESTMUX6
AF14
LVDCI_18_O
—
—
No connect. For access to test
point output route to test via.
TESTMUX7
AG10
LVDCI_18_O
—
—
No connect. For access to test
point output route to test via.
TESTMUX8
AG11
LVDCI_18_O
—
—
No connect. For access to test
point output route to test via.
TESTMUX9
AG12
LVDCI_18_O
—
—
No connect. For access to test
point output route to test via.
TESTMUX10
AG13
LVDCI_18_O
—
—
No connect. For access to test
point output route to test via.
TESTMUX11
AH12
LVDCI_18_O
—
—
No connect. For access to test
point output route to test via.
TESTMUX12
AH13
LVDCI_18_O
—
—
No connect. For access to test
point output route to test via.
TESTMUX13
AH14
LVDCI_18_O
—
—
No connect. For access to test
point output route to test via.
TESTMUX14
AJ9
LVDCI_18_O
—
—
No connect. For access to test
point output route to test via.
TESTMUX15
AJ10
LVDCI_18_O
—
—
No connect. For access to test
point output route to test via.
VN_0
Y17
—
—
—
Connect to GND.
VP_0
W18
—
—
—
Connect to GND.
VREFN_0
W17
—
—
—
Connect to GND.
VREFP_0
Y18
—
—
—
Connect to GND.
DLPC964
DLPS167 – MARCH 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: DLPC964



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com