Electronic Components Datasheet Search
  English  ▼

X  

DLPC964 Datasheet(PDF) 12 Page - Texas Instruments

Part # DLPC964
Description  DLPC964 Digital Micromirror Device Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC964 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DLPC964 Datasheet HTML 8Page - Texas Instruments DLPC964 Datasheet HTML 9Page - Texas Instruments DLPC964 Datasheet HTML 10Page - Texas Instruments DLPC964 Datasheet HTML 11Page - Texas Instruments DLPC964 Datasheet HTML 12Page - Texas Instruments DLPC964 Datasheet HTML 13Page - Texas Instruments DLPC964 Datasheet HTML 14Page - Texas Instruments DLPC964 Datasheet HTML 15Page - Texas Instruments DLPC964 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
5 Specifications
See (1)
5.1 Absolute Maximum Ratings
MIN
MAX
UNIT
ELECTRICAL
VCCINT
Internal supply voltage(2)
–0.5
1.1
V
VCCBRAM
Block RAM supply voltage(2)
–0.5
1.1
V
VCCAUX
Auxiliary supply voltage(2)
–0.5
2.0
V
VCCAUX_IO
Auxiliary supply voltage(2)
–0.5
2.06
V
VCCO
Output drivers supply voltage for 1.8V I/O banks(2)
–0.5
2.0
V
VMGTAVCC
Supply voltage for GTH transceivers(2)
–0.5
1.1
V
VMGTAVTT
Supply voltage for GTH transmitter and receiver termination
circuits(2)
–0.5
1.32
V
VMGTVCCAUX
Auxiliary voltage supply for the transceivers(2)
–0.5
1.935
V
VI
Input voltage range for 1.8V I/O banks(3)
–0.55
VCCO + 0.55
V
Input voltage range for GTH receivers(3)
–0.5
1.26
V
ENVIRONMENTAL
TJ
Junction temperature
+125
°C
Tstg
Storage temperature (ambient)
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If
outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully functional, and
this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values are with respect to network ground terminal GND.
(3)
Applies to external input and bidirectional buffers
5.2 ESD Ratings
VALUE
UNIT
V (ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
over operating free-air temperature range (unless otherwise noted)
5.3 Recommended Operating Conditions
MIN
NOM
MAX UNIT
ELECTRICAL
VCCINT
1V supply voltage, core logic
0.97
1.00
1.03
V
VCCBRAM
1V supply voltage, Block RAM
0.97
1.00
1.03
V
VCCAUX
1.8V supply voltage, Auxiliary
1.71
1.80
1.89
V
VCCAUX_IO
1.8V supply voltage, Auxiliary I/O
1.71
1.80
1.89
V
VCCO
1.8V supply voltage, I/O for VCCO_0, 14, 15, 16, 17, 34, 35, 36
1.71
1.80
1.89
V
VMGTAVCC
1V supply voltage, GTH transceivers
0.97
1.0
1.08
V
VMGTAVTT
1.2V supply voltage, GTH transmitter and receiver termination circuits
1.17
1.2
1.23
V
VMGTVCCAUX
1.8V supply voltage, Auxiliary voltage supply for transceivers
1.75
1.80
1.85
V
DLPC964
DLPS167 – MARCH 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: DLPC964



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com