Electronic Components Datasheet Search
  English  ▼

X  

DLPC964 Datasheet(PDF) 28 Page - Texas Instruments

Part # DLPC964
Description  DLPC964 Digital Micromirror Device Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC964 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DLPC964 Datasheet HTML 24Page - Texas Instruments DLPC964 Datasheet HTML 25Page - Texas Instruments DLPC964 Datasheet HTML 26Page - Texas Instruments DLPC964 Datasheet HTML 27Page - Texas Instruments DLPC964 Datasheet HTML 28Page - Texas Instruments DLPC964 Datasheet HTML 29Page - Texas Instruments DLPC964 Datasheet HTML 30Page - Texas Instruments DLPC964 Datasheet HTML 31Page - Texas Instruments DLPC964 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 77 page
background image
6.4.3 Block Load Address Select
The DLP991U DMD has 16 MCP blocks with each MCP block being 4096 x 136 bits. The block being loaded
can be any one of the 16 MCP blocks on the DMD, with access to each MCP block being independent upon
which block was previously loaded or which will be loaded next.
The BLKADDR_[3:0] inputs define which of the 16 DMD blocks to update. Table 6-7 describes how
BLKADDR_[3:0] is mapped to the MCP blocks for the different MCP modes available in the DMD. The effects
and values of BLKADDR_[3:0] will be restricted based on the block mode selected.
• x1 mode - Use BA[3:0] for single block MCP updates
• x2 mode - Use BA[3:1] for dual block MCP updates
• x4 mode - Use BA[3:2] for quad block MCP updates
• Global mode - No need to use BA[3:0] – updates entire DMD
Block selections shall conform to restrictions inherent in the design of the DLP991U DMD, i.e. x2 and x4 modes
indicate only certain blocks can be simultaneously updated at any given time.
6.4.4 Block Mode Select
The DLPC964 digital controller supports the ability to select one of the following block update modes as well as
which of the 16 block addresses to update utilizing the BLKMODE_[1:0] inputs.
The block modes allowed are:
• x1 Single MCP block updates at a time is reset (can select block from 0 to 15)
• x2 Two blocks are updated concurrently (adjacent w/address of 0, 1, 2, 3, 4, 5, 6, 7)
• x4 Four blocks are updated concurrently (adjacent w/address of 0, 1, 2, 3)
• x16 All blocks are updated with one command (also called global mode).
These mode input pins must be configured at power up. If the mode is desired to be changed after power up,
MCPs must be discontinued, the pins configured to their new values, and the proper I2C command sent to
reconfigure the DMD. See Table 6-7 for detailed information on which blocks are capable of being updated in
each mode.
DLPC964
DLPS167 – MARCH 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: DLPC964



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com