Electronic Components Datasheet Search
  English  ▼

X  

56F8014 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 58Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 59Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 60Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 61Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 62Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 63Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 64Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 65Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 125 page
background image
56F8014 Technical Data, Rev. 9
62
Freescale Semiconductor
Preliminary
Part 6 System Integration Module (SIM)
6.1 Introduction
The SIM module is a system catchall for the glue logic that ties together the system-on-chip. It controls
distribution of resets and clocks and provides a number of control features. The System Integration Module
is responsible for the following functions:
•
Reset sequencing
•
Clock control & distribution
•
Stop/Wait control
•
System status registers
•
Registers for software access to the JTAG ID of the chip
•
Test registers
•
Power control
•
I/O pad multiplexing
These are discussed in more detail in the sections that follow.
6.2 Features
The SIM has the following features:
•
System bus clocks with pipeline hold-off support
•
System clocks for non-pipelined interfaces
•
Peripheral clocks for TMR and PWM with high-speed (3X) option
•
Power-saving clock gating for peripherals
•
ITCK clock to the 56800E core TAP interface
•
Three power modes (Run, Wait, Stop) to control power utilization
— Stop mode shuts down the 56800E core, system clock, and peripheral clock
— Wait mode shuts down the 56800E core and unnecessary system clock operation
— Run mode supports full part operation
•
Controls, with write protection, the enable/disable of 56800E core WAIT and STOP instructions
•
Controls, with write protection, the enable/disable of Large Regulator Standby mode
•
Controls to route functional signals to selected peripherals and I/O pads
•
Controls deassertion sequence of internal resets
•
Software-initiated reset
•
Four 16-bit registers reset only by a Power-On Reset usable for general-purpose software control
•
Timer channel Stop mode clocking controls
•
SCI Stop mode clocking control to support LIN Sleep mode stop recovery
•
Short addressing location control
•
Registers for software access to the JTAG ID of the chip
•
Controls output to CLKO pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com