Electronic Components Datasheet Search
  English  ▼

X  

56F8014 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 125 page
background image
56F8014 Technical Data, Rev. 9
14
Freescale Semiconductor
Preliminary
Part 2 Signal/Connection Descriptions
2.1 Introduction
The input and output signals of the 56F8014 are organized into functional groups, as detailed in
Table 2-1. Table 2-2 summarizes all device pins. In Table 2-2, each table row describes the signal or
signals present on a pin, sorted by pin number.
Table 2-1 Functional Group Pin Allocations
Functional Group
Number of Pins
Power (VDD or VDDA)2
Ground (VSS or VSSA)3
Supply Capacitors
1
Reset
1
Pulse Width Modulator (PWM) Ports1
1. Pins in this section can function as TMR and GPIO.
5
Serial Peripheral Interface (SPI) Ports2
2. Pins in this section can function as TMR, I2C, and GPIO.
4
Analog-to-Digital Converter (ADC) Ports
8
Timer Module Ports3
3. Pins can function as PWM and GPIO.
2
Serial Communications Interface (SCI) Ports4
4. Pins in this section can function as I2C and GPIO.
2
JTAG/Enhanced On-Chip Emulation (EOnCE)
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com