Electronic Components Datasheet Search
  English  ▼

X  

56F8014 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 65Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 66Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 67Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 68Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 69Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 70Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 71Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 72Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 125 page
background image
Register Descriptions
56F8014 Technical Data, Rev. 9
Freescale Semiconductor
69
Preliminary
Figure 6-8 CLKO Select Register (SIM_CLKOUT)
6.3.7.1
Reserved—Bits 15–10
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.3.7.2
PWM3—Bit 9
•
0 = Peripheral output function of GPIOA[3] is defined to be PWM3
•
1 = Peripheral output function of GPIOA[3] is defined to be the Relaxation Oscillator Clock
6.3.7.3
PWM2—Bit 8
•
0 = Peripheral output function of GPIOA[2] is defined to be PWM2
•
1 = Peripheral output function of GPIOA[2] is defined to be the system clock
6.3.7.4
PWM1—Bit 7
•
0 = Peripheral output function of GPIOA[1] is defined to be PWM1
•
1 = Peripheral output function of GPIOA[1] is defined to be two times the rate of the system clock
6.3.7.5
PWM0—Bit 6
•
0 = Peripheral output function of GPIOA[0] is defined to be PWM0
•
1 = Peripheral output function of GPIOA[0] is defined to be three times the rate of the system clock
6.3.7.6
Clockout Disable (CLKDIS)—Bit 5
•
0 = CLKOUT output is enabled and will output the signal indicated by CLKOSEL
•
1 = CLKOUT is 0
6.3.7.7
Clockout Select (CLKOSEL)—Bits 4–0
Selects clock to be muxed out on the CLKO pin.
•
00000 = Reserved for factory test—Continuous system clock
•
01001 = Reserved for factory test—OCCS MSTR OSC clock
•
01011 = Reserved for factory test—ADC clock
•
01100 = Reserved for factory test—JTAG TCLK
•
01101 = Reserved for factory test—Continuous peripheral clock
•
01110 = Reserved for factory test—Continuous inverted peripheral clock
•
01111 = Reserved for factory test—Continuous high-speed peripheral clock
Base + $A
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
PWM
3
PWM
2
PWM1PWM0
CLK
DIS
CLKOSEL
Write
RESET
0
0
000
0
0
0
0
0
1
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com