Electronic Components Datasheet Search
  English  ▼

X  

56F8014 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 95Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 96Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 98Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 99Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 101Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 125 page
background image
56F8014 Technical Data, Rev. 9
98
Freescale Semiconductor
Preliminary
10.5 External Clock Operation Timing
Figure 10-4 External Clock Timing
10.6 Phase Locked Loop Timing
Table 10-10 External Clock Operation Timing Requirements1
1. Parameters listed are guaranteed by design.
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency of operation (external clock driver)2
2. See Figure 10-4 for details on using the recommended connection of an external clock driver.
fosc
48
8
MHz
Clock Pulse Width3
3. The high or low pulse width must be no smaller than 6.25ns or the chip may not function.
tPW
6.25
—
—
ns
External Clock Input Rise Time4
4. External clock input rise time is measured from 10% to 90%.
trise
——
3
ns
External Clock Input Fall Time5
5. External clock input fall time is measured from 90% to 10%.
tfall
——
3
ns
Table 10-11 PLL Timing
Characteristic
Symbol
Min
Typ
Max
Unit
Internal reference relaxation oscillator frequency for
the PLL
frosc
—8—
MHz
PLL output frequency1 (24 x reference frequency)
1. The core system clock will operate at 1/6 of the PLL output frequency.
fop
—192
—
MHz
PLL lock time2
2. This is the time required after the PLL is enabled to ensure reliable operation.
tlock
—
40
100
µs
Cycle to cycle jitter
tjitterpll
350
ps
External
Clock
VIH
VIL
Note: The midpoint is VIL + (VIH – VIL)/2.
90%
50%
10%
90%
50%
10%
tPW
tPW
tfall
trise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com