Electronic Components Datasheet Search
  English  ▼

X  

56F8014 Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 88Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 89Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 90Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 91Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 92Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 93Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 125 page
background image
General Characteristics
56F8014 Technical Data, Rev. 9
Freescale Semiconductor
91
Preliminary
Default Mode
Pin Group 1: GPIO, TDI, TDO, TMS, TCK
Pin Group 2: RESET, GPIOA7
Pin Group 3: ADC analog inputs
10.1.1 ElectroStatic Discharge (ESD) Model
Table 10-1 Absolute Maximum Ratings
(VSS = 0V, VSSA = 0V)
Characteristic
Symbol
Notes
Min
Max
Unit
Supply Voltage Range
VDD
-0.3
4.0
V
Analog Supply Voltage Range
VDDA
- 0.3
4.0
V
ADC High Voltage Reference
VREFH
- 0.3
4.0
V
Voltage difference VDD_IO to VDDA
ΔVDD
- 0.3
0.3
V
Voltage difference VSS_IO to VSSA
ΔVSS
- 0.3
0.3
V
Input Voltage Range (Digital inputs)
VIN
Pin Groups 1, 2
- 0.3
6.0
V
Input Voltage Range (ADC inputs)1
1. Pin Group 3 can tolerate 6V for less than 5 seconds when they are configured as ADC inputs or during reset. Pin Group 3 can
tolerate 6V if they are configured as GPIO.
VINA
Pin Group 3
- 0.3
4.0
V
Input clamp current, per pin (VIN < 0)2
2. Continuous input current per pin is -2 mA
VIC
--20
mA
Output clamp current, per pin (VO < 0)2
VOC
--20
mA
Output Voltage Range
(Normal Push-Pull mode)
VOUT
Pin Group 1
-0.3
4.0
V
Output Voltage Range
(Open Drain mode)
VOUTOD
Pin Groups 1, 2
-0.3
6.0
V
Ambient Temperature
TA
-40
105
°C
Storage Temperature
TSTG
-55
150
°C
Table 10-2 56F8014 ESD Protection
Characteristic
Min
Typ
Max
Unit
ESD for Human Body Model (HBM)
2000
—
—
V
ESD for Machine Model (MM)
200
—
—
V
ESD for Charge Device Model (CDM)
750
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com