Electronic Components Datasheet Search
  English  ▼

X  

56F8014 Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 95Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 96Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 98Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 99Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 101Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 102Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 125 page
background image
Relaxation Oscillator Timing
56F8014 Technical Data, Rev. 9
Freescale Semiconductor
99
Preliminary
10.7 Relaxation Oscillator Timing
Figure 10-5 Relaxation Oscillator Temperature Variation (Typical) After Trim at 125°C
Table 10-12 Relaxation Oscillator Timing
Characteristic
Symbol
Minimum
Typical
Maximum
Unit
Relaxation Oscillator output frequency1
Normal Mode
Standby Mode
1. Output frequency after application of 8MHz trim value, at 125°C.
fop
—
8.05
200
—
MHz
kHz
Relaxation Oscillator stabilization time2
2. This is the time required from standby to normal mode transition.
troscs
—1
3
µs
Cycle-to-cycle jitter. This is measured on the
CLKO signal (programmed prescaler_clock)
over 264 clocks3
3. JA is required to meet SCI requirements.
tjitterrosc
—400
ps
Minimum tuning step size
.08
%
Maximum tuning step size
40
%
Variation over temperature -40
°C to 150°C4
4. See Figure 10-5.
+1.0 to -1.5
+3.0 to -3.0
%
Variation over temperature 0
°C to 105°C4
0 to +1
+2.0 to -2.0
%
8.16
8.08
8
7.92
7.84
175
-25
-50
0
50
75
100
125
150
25
Degrees C (Junction)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com