| Electronic Components Datasheet Search |
|
56F8014 Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8014 Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc |
|
68 / 125 page ![]() 56F8014 Technical Data, Rev. 9 68 Freescale Semiconductor Preliminary Figure 6-6 Least Significant Half of JTAG ID (SIM_LSHID) 6.3.6 SIM Power Control Register (SIM_PWR) This register controls the Standby mode of the large regulator. The large regulator derives the core digital logic power supply from the IO power supply. In some circumstances, the large regulator may be put in a reduced-power Standby mode without interfering with part operation. Refer to the overview of power-down modes and the overview of clock generation for more information on the use of large regulator standby. Figure 6-7 SIM Power Control Register (SIM_PWR) 6.3.6.1 Reserved—Bits 15–2 This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing. 6.3.6.2 Large Regulator Standby Mode[1:0] (LRSTDBY)—Bits 1–0 This bit controls the pull-up resistors on the IRQA pin. • 00 = Large regulator is in Normal mode • 01 = Large regulator is in Standby (reduced-power) mode • 10 = Large regulator is in Normal mode and the LRSTDBY field is write-protected until the next reset • 11 = Large regulator is in Standby mode and the LRSTDBY field is write-protected until the next reset 6.3.7 CLKO Select Register (SIM_CLKOUT) The CLKO select register can be used to multiplex out selected clocks generated inside the clock generation and SIM modules. All functionality is for test purposes only and is subject to unspecified latencies. Glitches may be produced when the clock is enabled or switched. The lower four bits of the GPIO A register can function as GPIO, PWM, or as additional clock output signals. GPIO has priority and is enabled/disabled via the GPIOA_PEREN. If GPIOA[3:0] are programmed to operate as peripheral outputs, then the choice between PWM and additional clock outputs is done here in the CLKOUT. The default state is for the peripheral function of GPIOA[3:0] to be programmed as PWM. This can be changed by altering PWM3 through PWM0. Base + $7 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read 0 1 0 0 0 0 0 0 0 0 0 1 1 1 0 1 Write RESET 0 1 0 0 0 0 0 0 000 1 110 1 Base + $8 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read 0 0 0 0 0 0 0 0 0 0 0 0 0 0 LRSTDBY Write RESET 0 0 0 000 000 000 000 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |