Electronic Components Datasheet Search
  English  ▼

X  

56F8014 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 61Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 62Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 63Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 64Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 65Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 66Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 67Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 68Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 125 page
background image
Register Descriptions
56F8014 Technical Data, Rev. 9
Freescale Semiconductor
65
Preliminary
6.3.1.2
Timer Channel 2 Stop Disable (TC2_SD)—Bit 14
This bit enables the operation of the Timer Channel 2 peripheral clock in Stop mode.
•
0 = Timer Channel 2 disabled in Stop mode
•
1 = Timer Channel 2 enabled in Stop mode
6.3.1.3
Timer Channel 1 Stop Disable (TC1_SD)—Bit 13
This bit enables the operation of the Timer Channel 1 peripheral clock in Stop mode.
•
0 = Timer Channel 1 disabled in Stop mode
•
1 = Timer Channel 1 enabled in Stop mode
6.3.1.4
Timer Channel 0 Stop Disable (TC0_SD)—Bit 12
This bit enables the operation of the Timer Channel 0 peripheral clock in Stop mode.
•
0 = Timer Channel 0 disabled in Stop mode
•
1 = Timer Channel 0 enabled in Stop mode
6.3.1.5
SCI Stop Disable (SCI_SD)—Bit 11
This bit enables the operation of the SCI peripheral clock in Stop mode. This is recommended for use in
LIN mode so that the SCI can generate interrupts and recover from Stop mode while the LIN interface is
in Sleep mode and using Stop mode to reduce power consumption.
•
0 = SCI disabled in Stop mode
•
1 = SCI enabled in Stop mode
6.3.1.6
Reserved—Bit 10
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.3.1.7
Timer Channel 3 Input (TC3_INP)—Bit 9
This bit selects the input of Timer Channel 3 to be from the PWM or GPIO.
•
1 = Timer Channel 3 Input from PWM reload_sync signal
•
0 = Timer Channel 3 Input controlled by SIM_GPS register CFG_B3 and CFG_A5 fields
6.3.1.8
Reserved—Bits 8–6
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.3.1.9
OnCE Enable (ONCEEBL)—Bit 5
•
0 = OnCE clock to 56800E core enabled when core TAP is enabled
•
1 = OnCE clock to 56800E core is always enabled
6.3.1.10 Software Reset (SWRST)—Bit 4
Writing 1 to this field will cause the part to reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com