Electronic Components Datasheet Search
  English  ▼

X  

56F8014 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 79Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 80Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 81Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 83Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 84Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 85Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 86Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 125 page
background image
Introduction
56F8014 Technical Data, Rev. 9
Freescale Semiconductor
83
Preliminary
7.2.3
Flash Lockout Recovery using CodeWarrior
CodeWarrior can unlock a device using the command sequence described in Section 7.2.2 by selecting the
Debug menu, then selecting DSP56800E, followed by Unlock Flash.
Another mechanism is also built into CodeWarrior using the device’s memory configuration file. The
command “Unlock_Flash_on_Connect1” in the .cfg file accomplishes the same task as using the Debug
menu.
7.2.4
Product Analysis
The recommended method of unsecuring a programmed 56F8014 for product analysis of field failures is
via the backdoor key access. The customer would need to supply Technical Support with the backdoor key
and the protocol to access the backdoor routine in the Flash. Additionally, the KEYEN bit that allows
backdoor key access must be set.
An alternative method for performing analysis on a secured microcontroller would be to mass-erase and
reprogram the Flash with the original code, but modify the security bytes.
To insure that a customer does not inadvertently lock himself out of the 56F8014 during programming, it
is recommended that the user program the backdoor access key first, the application code second and the
security bytes within the FM configuration field last.
Part 8 General Purpose Input/Output (GPIO)
8.1 Introduction
This section is intended to supplement the GPIO information found in the 56F801X Peripheral Reference
Manual and contains only chip-specific information. This information supercedes the generic information
in the 56F801X Peripheral Reference Manual.
8.2 Configuration
There are four GPIO ports defined on the 56F8014. The width of each port, the associated peripheral and
reset functions are shown in Table 8-1. The specific mapping of GPIO port pins is shown in Table 8-2.
Table 8-1 GPIO Ports Configuration
GPIO Port
Available
Pins in
56F8014
Peripheral Function
Reset Function
A6
PWM, Reset
GPIO, except GPIOA7
B8
SPI, SCI, Timer
GPIO
C8
ADC
Analog
D4
JTAG
JTAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com