Electronic Components Datasheet Search
  English  ▼

X  

DSP56853 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # DSP56853
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56853 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button DSP56853 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
56853 Technical Data, Rev. 6
30
Freescale Semiconductor
Figure 4-8 Connecting a Low Speed External Clock Signal using XTAL
Figure 4-9 External Clock Timing
Table 4-5 External Clock Operation Timing Requirements4
Operating Conditions: VSS = VSSIO = VSSA = 0 V, VDD = 1.62-1.98V, VDDIO = VDDA = 3.0–3.6V, TA = –40° to +120°C, CL ≤ 50pF, fop = 120MHz
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency of operation (external clock driver)1
1.
See Figure 4-7 for details on using the recommended connection of an external clock driver.
fosc
0
—
240
MHz
Clock Pulse Width4
tPW
6.25
—
—
ns
External clock input rise time2, 4
2.
External clock input rise time is measured from 10% to 90%.
trise
—
—
TBD
ns
External clock input fall time3, 4
3.
External clock input fall time is measured from 90% to 10%.
4.
Parameters listed are guaranteed by design.
tfall
—
—
TBD
ns
DSP56853
XTAL
EXTAL
External
Clock
(2-4MHz)
VDDA/2
External
Clock
VIH
VIL
Note: The midpoint is VIL + (VIH – VIL)/2.
90%
50%
10%
90%
50%
10% t
PW
tPW
tfall
trise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com