Electronic Components Datasheet Search
  English  ▼

X  

DSP56853 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # DSP56853
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56853 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button DSP56853 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
Introduction
56853 Technical Data, Rev. 6
Freescale Semiconductor
17
106
HACK
HRRQ
GPIOB15
Input
Open Drain
Output
Input/Output
Host Acknowledge (HACK)—When the HI08 is programmed for
HRMS=0 functionality (typically used on a single-data-strobe bus),
this input has two functions: (1) provide a Host Acknowledge signal
for DMA transfers or (2) to control handshaking and provide a Host
Interrupt Acknowledge compatible with the MC68000 family
processors.
These pins are disconnected internally.
Receive Host Request (HRRQ)—This signal is the Receive Host
Request output when the HI08 is programmed for HRMS=1
functionality and is typically used on a double-data-strobe bus.
Port B GPIO(15)—This pin is a General Purpose I/O (GPIO) pin
when not configured for host port usage.
101
TIO0
GPIOG0
Input/Output
Input/Output
Timer Input/Outputs (TIO0)—This pin can be independently
configured to be either a timer input source or an output flag.
Port G GPIOG0—This pin is a General Purpose I/O (GPIO) pin that
can individually be programmed as an input or output pin.
99
TIO1
GPIOG1
Input/Output
Input/Output
Timer Input/Outputs (TIO1)—This pin can be independently
configured to be either a timer input source or an output flag.
Port G GPIO (1)—This pin is a General Purpose I/O (GPIO) pin that
can individually be programmed as an input or output pin.
98
TIO2
GPIOG2
Input/Output
Input/Output
Timer Input/Outputs (TIO2)—This pin can be independently
configured to be either a timer input source or an output flag.
Port G GPIO (2)—This pin is a General Purpose I/O (GPIO) pin that
can individually be programmed as an input or output pin.
97
TIO3
GPIOG3
Input/Output
Input/Output
Timer Input/Outputs (TIO3)—This pin can be independently
configured to be either a timer input source or an output flag.
Port G GPIO (3)—This pin is a General Purpose I/O (GPIO) pin that
can individually be programmed as an input or output pin.
20
IRQA
Input
External Interrupt Request A and B—The IRQA and IRQB inputs
are asynchronous external interrupt requests that indicate that an
external device is requesting service. A Schmitt trigger input is used
for noise immunity. They can be programmed to be level-sensitive or
negative-edge- triggered. If level-sensitive triggering is selected, an
external pull-up resistor is required for Wired-OR operation.
21
IRQB
15
MODA
GPIOH0
Input
Input/Output
Mode Select (MODA)—During the bootstrap process MODA selects
one of the eight bootstrap modes.
Port H GPIO (0)—This pin is a General Purpose I/O (GPIO) pin after
the bootstrap process has completed.
Table 3-1. 56853 Signal and Package Information for the 128-pin LQFP (Continued)
Pin No.
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com