Electronic Components Datasheet Search
  English  ▼

X  

DSP56853 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # DSP56853
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56853 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button DSP56853 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
56853 Technical Data, Rev. 6
16
Freescale Semiconductor
103
HDS
HWR
GPIOB12
Input
Input
Input/Output
Host Data Strobe (HDS)—When the HI08 is programmed to
interface to a single-data-strobe host bus and the HI function is
selected, this input enables a data transfer on the HI when HCS is
asserted.
These pins are disconnected internally.
Host Write Enable (HWR)—This signal is the Write Data input when
the HI08 is programmed to interface to a double-data-strobe host bus
and the HI function is selected.
Port B GPIO (12)—This pin is a General Purpose I/O (GPIO) pin
when not configured for host port usage.
104
HCS
GPIOB13
Input
Input/Output
Host Chip Select (HCS)—This input is the chip select input for the
Host Interface.
These pins are disconnected internally.
Port B GPIO (13)—This pin is a General Purpose I/O (GPIO) pin
when not configured for host port usage.
105
HREQ
HTRQ
GPIOB14
Open Drain
Output
Open Drain
Output
Input/Output
Host Request (HREQ)—When the HI08 is programmed for HRMS=0
functionality (typically used on a single-data-strobe bus), this open
drain output is used by the HI to request service from the host
processor. The HREQ may be connected to an interrupt request pin
of a host processor, a transfer request of a DMA controller, or a
control input of external circuitry.
These pins are disconnected internally.
Transmit Host Request (HTRQ)—This signal is the Transmit Host
Request output when the HI08 is programmed for HRMS=1
functionality and is typically used on a double-data-strobe bus.
Port B GPIO (14)—This pin is a General Purpose I/O (GPIO) pin
when not configured for host port usage.
Table 3-1. 56853 Signal and Package Information for the 128-pin LQFP (Continued)
Pin No.
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com