Electronic Components Datasheet Search
  English  ▼

X  

DSP56853 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # DSP56853
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56853 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button DSP56853 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
56853 Technical Data, Rev. 6
48
Freescale Semiconductor
Figure 4-30 RXD Pulse Width
Figure 4-31 TXD Pulse Width
4.13 JTAG Timing
Table 4-15 JTAG Timing1, 3
Operating Conditions: VSS = VSSIO = VSSA = 0 V, VDD = 1.62-1.98V, VDDIO = VDDA = 3.0–3.6V, TA = –40° to +120°C, CL ≤ 50pF, fop = 120MHz
1.
Timing is both wait state and frequency dependent. For the values listed, T = clock cycle. For 120MHz
operation, T = 8.33ns.
Characteristic
Symbol
Min
Max
Unit
TCK frequency of operation2
2.
TCK frequency of operation must be less than 1/4 the processor rate.
3.
Parameters listed are guaranteed by design.
fOP
DC
30
MHz
TCK cycle time
tCY
33.3
—
ns
TCK clock pulse width
tPW
16.6
—
ns
TMS, TDI data setup time
tDS
3
—
ns
TMS, TDI data hold time
tDH
3
—
ns
TCK low to TDO data valid
tDV
—
12
ns
TCK low to TDO tri-state
tTS
—
10
ns
TRST assertion time
tTRST
35
—
ns
DE assertion time
tDE
4T
—
ns
RXD
SCI receive
data pin
(Input)
RXDPW
TXD
SCI receive
data pin
(Input)
TXDPW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com