Electronic Components Datasheet Search
  English  ▼

X  

DSP56853 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # DSP56853
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56853 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button DSP56853 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
56853 Technical Data, Rev. 6
14
Freescale Semiconductor
30
HD0
GPIOB0
Input
Input/Output
Host Address (HD0)—This input provides data selection for HI
registers.
This pin is disconnected internally during reset.
Port B GPIO (0)—This pin is a General Purpose I/O (GPIO) pin when
not configured for host port usage.
31
HD1
GPIOB1
Input
Input/Output
Host Address (HD1)—This input provides data selection for HI
registers.
This pin is disconnected internally during reset.
Port B GPIO (1)—This pin is a General Purpose I/O (GPIO) pin when
not configured for host port usage.
32
HD2
GPIOB2
Input
Input/Output
Host Address (HD2)—This input provides data selection for HI
registers.
This pin is disconnected internally during reset.
Port B GPIO (2)—This pin is a General Purpose I/O (GPIO) pin when
not configured for host port usage.
36
HD3
GPIOB3
Input
Input/Output
Host Address (HD3)—This input provides data selection for HI
registers.
This pin is disconnected internally during reset.
Port B GPIO (3)—This pin is a General Purpose I/O (GPIO) pin when
not configured for host port usage.
37
HD4
GPIOB4
Input
Input/Output
Host Address (HD4)—This input provides data selection for HI
registers.
This pin is disconnected internally during reset.
Port B GPIO (4)—This pin is a General Purpose I/O (GPIO) pin when
not configured for host port usage.
38
HD5
GPIOB5
Input
Input/Output
Host Address (HD5)—This input provides data selection for HI
registers.
This pin is disconnected internally during reset.
Port B GPIO (5)—This pin is a General Purpose I/O (GPIO) pin when
not configured for host port usage.
Table 3-1. 56853 Signal and Package Information for the 128-pin LQFP (Continued)
Pin No.
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com